Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV4096 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49BV4096
Description  4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49BV4096 Datasheet HTML 1Page - ATMEL Corporation AT49BV4096 Datasheet HTML 2Page - ATMEL Corporation AT49BV4096 Datasheet HTML 3Page - ATMEL Corporation AT49BV4096 Datasheet HTML 4Page - ATMEL Corporation AT49BV4096 Datasheet HTML 5Page - ATMEL Corporation AT49BV4096 Datasheet HTML 6Page - ATMEL Corporation AT49BV4096 Datasheet HTML 7Page - ATMEL Corporation AT49BV4096 Datasheet HTML 8Page - ATMEL Corporation AT49BV4096 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
If the boot block lockout has been enabled, the Chip Erase
will not erase the data in the boot block; it will erase the
main memory block and the parameter blocks only. After
the chip erase, the device will return to the read or standby
mode.
SECTOR ERASE: As an alternative to a full chip erase,
the device is organized into three sectors that can be indi-
vidually erased. There are two 8K word parameter block
sections and one sector consisting of the boot block and
the main memory array block. The Sector Erase command
is a six bus cycle operation. The sector address is latched
on the falling WE edge of the sixth cycle while the 30H
data input command is latched at the rising edge of WE.
The sector erase starts after the rising edge of WE of the
sixth cycle. The erase operation is internally controlled; it
will automatically time to completion. When the boot block
programming lockout feature is not enabled, the boot
block and the main memory block will erase together (from
the same sector erase command). Once the boot region
has been protected, only the main memory array sector
will erase when its sector erase command is issued.
WORD PROGRAMMING: Once a memory block is
erased, it is programmed (to a logical “0”) on a word-by-
word basis. Programming is accomplished via the internal
device command register and is a 4 bus cycle operation.
The device will automatically generate the required inter-
nal program pulses.
Any commands written to the chip during the embedded
programming cycle will be ignored. If a hardware reset
happens during programming, the data at the location be-
ing programmed will be corrupted. Please note that a data
“0” cannot be programmed back to a “1”; only erase opera-
tions can convert “0”s to “1”s. Programming is completed
after the specified tBP cycle time. The DATA polling fea-
ture may also be used to indicate the end of a program
cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The de-
vice has one designated block that has a programming
lockout feature. This feature prevents programming of
data in the designated block once the feature has been
enabled. The size of the block is 8K words. This block,
referred to as the boot block, can contain secure code that
is used to bring up the system. Enabling the lockout fea-
ture will allow the boot code to stay in the device while data
in the rest of the device is updated. This feature does not
have to be activated; the boot block’s usage as a write
protected region is optional to the user. The address range
of the boot block is 00000H to 01FFFH.
Once the feature is enabled, the data in the boot block can
no longer be erased or programmed when input levels of
5.5V or less are used. Data in the main memory block can
still be changed through the regular programming method.
To activate the lockout feature, a series of six program
commands to specific addresses with specific data must
be performed. Please refer to the Command Definitions
table.
BOOT BLOCK LOCKOUT DETECTION: A software
method is available to determine if programming of the
boot block section is locked out. When the device is in the
software product identification mode (see Software Prod-
uct Identification Entry and Exit sections) a read from ad-
dress location 00002H will show if programming the boot
block is locked out. If the data on I/O0 is low, the boot
block can be programmed; if the data on I/O0 is high, the
program lockout feature has been enabled and the block
cannot be programmed. The software product identifica-
tion exit code should be used to return to standard opera-
tion.
BOOT BLOCK PROGRAMMING LOCKOUT OVER-
RIDE: The user can override the boot block programming
lockout by taking the RESET pin to 12
± 0.5 volts. By doing
this protected boot block data can be altered through a
chip erase, sector erase or word programming. When the
RESET pin is brought back to TTL levels the boot block
programming lockout feature is again active.
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algorithm for
the Atmel product.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49BV4096/LV4096 features
DATA polling to indicate the end of a program cycle. Dur-
ing a program cycle an attempted read of the last byte
loaded will result in the complement of the loaded data on
I/O7. Once the program cycle has been completed, true
data is valid on all outputs and the next cycle may begin.
During a chip or sector erase operation, an attempt to
read the device will give a “0” on I/O7. Once the program
or erase cycle has completed, true data will be read from
the device. DATA polling may begin at any time during the
program cycle.
TOGGLE BIT: In addi ti on t o DATA po ll ing the
AT49BV4096/LV4096 provides another method for deter-
mining the end of a program or erase cycle. During a pro-
gram or erase operation, successive attempts to read data
from the device will result in I/O6 toggling between one
and zero. Once the program cycle has completed, I/O6 will
stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
HARDWARE DATA PROTECTION: Hardware features
pr otect ag ai nst i n a d ve r t e n t p r og r a m s t o th e
AT49BV4096/LV4096 in the following ways: (a) VCC
AT49BV/LV4096
3


Similar Part No. - AT49BV4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A ATMEL-AT49BV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV4096A-12RC ATMEL-AT49BV4096A-12RC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RI ATMEL-AT49BV4096A-12RI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TC ATMEL-AT49BV4096A-12TC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com