Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985ITLX-4.8 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3985ITLX-4.8
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985ITLX-4.8 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3985ITLX-4.8 Datasheet HTML 2Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 3Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 4Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 5Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 6Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 7Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 8Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 9Page - Texas Instruments LP3985ITLX-4.8 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LP3985
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Unless otherwise specified: VIN = VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF, CBYPASS = 0.01µF. Typical values and
limits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Output Voltage
IOUT = 1mA
−2
2
% of
Tolerance
−3
3
VOUT(nom)
Line Regulation Error
VIN = (VOUT(nom) + 0.5V) to 6.0V,
For 4.7 to 5.0 options
−0.19
0.19
%/V
ΔVOUT
For all other options
−0.1
0.1
Load Regulation Error(3)
IOUT = 1 mA to 150 mA
0.0025
0.005
LP3985IM5 (SOT23-5)
%/mA
LP3985 (DSBGA)
0.0004
0.002
Output AC Line Regulation
VIN = VOUT(nom) + 1V,
1.5
mVP-P
IOUT = 150 mA (Figure 5)
VIN = VOUT(nom) + 0.2V,
50
f = 1 kHz,
IOUT = 50 mA (Figure 6)
PSRR
Power Supply Rejection Ratio
dB
VIN = VOUT(nom) + 0.2V,
40
f = 10 kHz,
IOUT = 50 mA (Figure 6)
IQ
Quiescent Current
VEN = 1.4V, IOUT = 0 mA
For 4.7 to 5.0 options
100
165
For all other options
85
150
VEN = 1.4V, IOUT = 0 to 150 mA
µA
For 4.7 to 5.0 options
155
250
For all other options
140
200
VEN = 0.4V
0.003
1.5
Dropout Voltage(4)
IOUT = 1 mA
0.4
2
IOUT = 50 mA
20
35
mV
IOUT = 100 mA
45
70
IOUT = 150 mA
60
100
ISC
Short Circuit Current Limit
Output Grounded
600
mA
(Steady State)
IOUT(PK)
Peak Output Current
VOUT ≥ VOUT(nom) - 5%
550
300
mA
TON
Turn-On Time(5)
CBYPASS = 0.01 µF
200
µs
en
Output Noise Voltage(6)
BW = 10 Hz to 100 kHz,
30
µVrms
COUT = 1µF
Output Noise Density
CBP = 0
230
nV/
√Hz
IEN
Maximum Input Current at EN
VEN = 0.4 and VIN = 6.0
±1
nA
VIL
Maximum Low Level Input Voltage VIN = 2.5 to 6.0V
0.4
V
at EN
VIH
Minimum High Level Input Voltage VIN = 2.5 to 6.0V
1.4
V
at EN
Thermal Shutdown Temperature
160
°C
TSD
Thermal Shutdown Hysteresis
20
°C
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C or
correlated using Statistical Quality Control (SQC) methods. All hot and cold limits are specified by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
(3)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(4)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply for input voltages below 2.5V.
(5)
Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal
value.
(6)
The output noise varies with output voltage option. The 30µVrms is measured with 2.5V voltage option. To calculate an approximated
output noise for other options, use the equation: (30µVrms)(X)/2.5, where X is the voltage option value.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3985


Similar Part No. - LP3985ITLX-4.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985ITLX-4.8 NSC-LP3985ITLX-4.8 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985ITLX-4.8 TI-LP3985ITLX-4.8 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985ITLX-4.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com