Electronic Components Datasheet Search |
|
DCM17X5P-JNMB Datasheet(PDF) 8 Page - ITT Industries |
|
DCM17X5P-JNMB Datasheet(HTML) 8 Page - ITT Industries |
8 / 103 page Cannon Combo D® 8 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change EuropeanOrderingInformationDesignatorSelection Combo D European Versions Typical Part Number: DBM E- 9C4 P-P00-1A5N-A191-K87-146 Product Family Designator D*M = Combo D = shell size E, A, B, C and D Hardware Modifier without code = 3,05mm” (.120 in.) Through Hole E= 4-40 Clinchnut, solder cup, solder pin straight and 1A0N N= 7.66 mm (.300 in.) with 4-40 post and pushfit, only OL4 Q= 7.66 mm (.300 in.) M3 with pushfit, only OL4 T= 7.66 mm (.300 in.) M3 standoff, only OL4 U= 7.66 mm (.300 in.) M3 post and pushfit, only OL4 V= 7.66 mm (.300 in.) 4-40 with pushfit, only OL4 X= M-3 Clinchnut, solder cup, solder pin straight and 1A0N Y= Dual Float Mount, only solder cup Z= .7.66 mm (.300 in.) 4-40 with pushfit, only OL4 Layout (Total # of contacts + # of Size 8 Cavities) without code = Non Combo (9, 15, 25, 37, 50) W = Empty size 8 Cavities C = 75 Ohm Coax installed (straight or 90°) X = 50 Ohm Coax installed (straight or 90°) H = High power installed (straight) P = High power installed (Euro, 90° only) V = High voltage installed (available in straight PC only G = Guide pin or guide socket installed Gender P = Male (plug, pin) S = Female (receptacle, socket) Code only applicable for Pressfit High power #8 contacts P00 = Pessfit High power PCB dia 2,9 mm P01 = Pessfit High power PCB dia 3,1 mm P02 = Pessfit High power PCB dia 3,5 mm PCB Mounting Method 146 = Pushfit for PCB hold diameter 3.0, 90° version only 162 = Pushfit for PCB hold diameter 3.2, 90° version only Plating Modification without code = Tellow chromate over zinc on shells A197 = Tin on shells K87 = Tin with dimples on shells (pin only) Contact Finishes without code = performance class 3 (50 mating cycles) A191 = performance class 2 (200 mating cycles) Euro standard A190 = performance class 1 (500 mating cycles) Tail Modifier [OL2] = No standard, please call factory = Solder cup (size 8 contacts not loaded on these versions) OL4 = Solder pin straight 1A0N = without mouting bracket, hole dia. 3.05 mm 1A5N = plastic bracket with bushing dia. 3.05 mm 1A6N = plastic bracket with post 4-40 1A7N = metal bracket and captive nut 4-40 1A8N = metal bracket with post 4-40 1A9N = metal bracket and captive nut M3 1ADN = plastic bracket with grounding bracket and bushing dia. 3.05 mm 1AFN = metal bracket with bushing dia. 3.05 mm 1AGN = plastic bracket with grounding bracket and post M3 1AHN = metal bracket with post M3 1AJN = plastic bracket with grounding bracket and post 4-40 1APN = plastic bracket with post M3 1ATN = plastic bracket and captive nut M3 1AUN = plastic bracket and captive nut 4-40 1AVN = plastic bracket with grounding bracket and captive nut M3 1AWN = plastic bracket with grounding bracket and captive nut 4-40 1AEN = 90° low profile metal bracket captive nut M3 1AAN = 90° low profile metal bracket captive nut 4-40 1ABN = 90° low profile metal bracket post M3 1ACN = low profile metal bracket post 4-40 1ALN = low profile metal bracket with buhing dia. 3.05 mm |
Similar Part No. - DCM17X5P-JNMB |
|
Similar Description - DCM17X5P-JNMB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |