Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985ITLX-2.8 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3985ITLX-2.8
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985ITLX-2.8 Datasheet(HTML) 2 Page - Texas Instruments

  LP3985ITLX-2.8 Datasheet HTML 1Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 2Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 3Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 4Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 5Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 6Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 7Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 8Page - Texas Instruments LP3985ITLX-2.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
R2
GND
Fast Turn
On Circuit
Vreference
1.23V
Over Current &
Thermal Protection
VIN
VEN
Bypass
VOUT
R1
1.40V
ON
t
0.4V
OFF
d
LP3985
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LP3985 is available in a 5-bump thin DSBGA and a 5-pin USON package. Performance is specified for
−40°C to +125°C temperature range and is available in 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V. 3.1V, 3.2V,
3.3V, 4.7V, 4.75V, 4.8V and 5.0V output voltages. For other output voltage options between 2.5V to 5.0V or for a
dual LP3985, please contact a Texas Instruments sales office.
Block Diagram
Figure 2.
PIN DESCRIPTIONS
Name
* DSBGA
USON
Function
VEN
A1
3
Enable Input Logic, Enable High
GND
B2
2
Common Ground
VOUT
C1
5
Output Voltage of the LDO
VIN
C3
1
Input Voltage of the LDO
BYPASS
A3
4
Optional Bypass Capacitor for Noise Reduction
Connection Diagram
Figure 3. Top View USON 5-Pin Package
Figure 4. Top View 5-Bump DSBGA Package
Package Number MF05A
Package Number TLA05
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3985


Similar Part No. - LP3985ITLX-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985ITLX-2.8 NSC-LP3985ITLX-2.8 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985ITLX-2.8 TI-LP3985ITLX-2.8 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985ITLX-2.8/NOPB TI1-LP3985ITLX-2.8/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985ITLX-2.8/NOPB TI1-LP3985ITLX-2.8/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985ITLX-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com