Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985ITLX-2.9 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3985ITLX-2.9
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985ITLX-2.9 Datasheet(HTML) 5 Page - Texas Instruments

  LP3985ITLX-2.9 Datasheet HTML 1Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 2Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 3Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 4Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 5Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 6Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 7Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 8Page - Texas Instruments LP3985ITLX-2.9 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LP3985
www.ti.com
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN, VEN
−0.3 to 6.5V
VOUT
−0.3 to (VIN+0.3) ≤ 6.5V
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temp.
235°C
Pad Temp.(4)
235°C
Maximum Power Dissipation
SOT23-5(5)
364mW
DSBGA(5)
314mW
ESD Rating(6)
Human Body Model
2kV
Machine Model
150V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is verified. Operating Ratings do not imply verified performance limits. For verified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Additional information on lead temperature and pad temperature can be found in Texas Instruments Application Note AN-
1112(SNOA401).
(5)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula: PD = (TJ -
TA)/θJA,where TJ is the junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance. The
364mW rating for SOT23-5 appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction
temperature, 150°C, for TJ, 70°C for TA, and 220°C/W for θJA. More power can be dissipated safely at ambient temperatures below
70°C . Less power can be dissipated safely at ambient temperatures above 70°C. The Absolute Maximum power dissipation can be
increased by 4.5mW for each degree below 70°C, and it must be derated by 4.5mW for each degree above 70°C.
(6)
The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Operating Ratings
(1) (2)
VIN
2.5 to 6V
VEN
0 to (VIN+0.3) ≤ 6V
Junction Temperature
−40°C to +125°C
Thermal Resistance
θJA (SOT23-5)
220°C/W
θJA (DSBGA)
255°C/W
Maximum Power Dissipation
SOT23-5(3)
250mW
DSBGA(3)
216mW
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is verified. Operating Ratings do not imply verified performance limits. For verified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The
250mW rating for SOT23-5 appearing under Operating Ratings results from substituting the maximum junction temperature for
operation, 125°C, for TJ, 70°C for TA, and 220°C/W for θJA into PD = (TJ - TA)/θJA from above. More power can be dissipated at ambient
temperatures below 70°C . Less power can be dissipated at ambient temperatures above 70°C. The maximum power dissipation for
operation can be increased by 4.5mW for each degree below 70°C, and it must be derated by 4.5mW for each degree above 70°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3985


Similar Part No. - LP3985ITLX-2.9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985ITLX-2.9 NSC-LP3985ITLX-2.9 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985ITLX-2.9 TI-LP3985ITLX-2.9 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985ITLX-2.9/NOPB TI1-LP3985ITLX-2.9/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985ITLX-2.9/NOPB TI1-LP3985ITLX-2.9/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985ITLX-2.9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com