Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF1002GA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFF1002GA
Description  10.0AMPS Isolated Glass Passivated Super Fast Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF1002GA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFF1002GA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF1002GA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFF1002GA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:C13
RATINGS AND CHARACTERISTIC CURVES (SFF1001GA THRU SFF1008GA)
0
2
4
6
8
10
12
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
WITH HEATSINK
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
TA=25℃
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=100℃
TA=75℃
40
50
60
70
80
90
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL JUNCTION CAPACITANCE
TA=25℃
SFF1001GA-SFF1004GA
SFF1005GA-SFF1008GA
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
TA=25℃
Pulse Width=300us
1% Duty Cycle
SFF1001GA-04GA
SFF1005GA-06GA
SFF1007GA-08GA


Similar Part No. - SFF1002GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1002GA THINKISEMI-SFF1002GA Datasheet
640Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SFF1002GA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1001G TSC-SFF1001G_11 Datasheet
186Kb / 2P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1001G TSC-SFF1001G_13 Datasheet
427Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFA1001G TSC-SFA1001G_13 Datasheet
419Kb / 3P
   10.0AMPS Glass Passivated Super Fast Rectifier
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G_11 Datasheet
209Kb / 2P
   10.0AMPS Glass Passivated Super Fast Rectifier
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
   10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
SFF2004GA TSC-SFF2004GA Datasheet
397Kb / 3P
   Isolated Glass Passivated Super Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com