Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1004CLP-2-5 Datasheet(PDF) 11 Page - Texas Instruments

Part # LT1004CLP-2-5
Description  MICROPOWER INTEGRATED VOLTAGE REFERENCES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1004CLP-2-5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LT1004CLP-2-5 Datasheet HTML 7Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 8Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 9Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 10Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 11Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 12Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 13Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 14Page - Texas Instruments LT1004CLP-2-5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LT1004-1.2, LT1004-2.5
MICROPOWER INTEGRATED VOLTAGE REFERENCES
SLVS022M − JANUARY 1989 − REVISED MAY 2008
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VI = 6.5 V to 15 V
V+
R
V−
LM334
5.6 k
3
7
8
6
2
4
+
TLC271
VO = 5 V
150 pF
3.01 M
1%
1%
1 M
LT1004-1.2
Figure 18. Micropower 5-V Reference
Figure 19. Low-Noise Reference
Output
50
µF
22
VI ≥ 5 V
+
LT1004-1.2
100
µA
Figure 20. Micropower Reference From 9-V Battery
9 V
510 k
1.235 V
LT1004-1.2
R1
5 k
Ω at 25°C
1800
1684
187
LT1004-1.2
3 V
Lithium
+
100 k
+
THERMOCOUPLE
TYPE
R1
J
K
T
S
232 k
298 k
301 k
2.1 M
Quiescent current
≅ 15 µA
Yellow Springs Inst. Co., Part #44007
NOTE A: This application compensates within
±1°C from 0°C to 60°C.
Figure 21. Micropower Cold-Junction Compensation for Thermocouples


Similar Part No. - LT1004CLP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004CLP-2-5 TI-LT1004CLP-2-5 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CLP-2-5 TI-LT1004CLP-2-5 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004CLP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com