Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1004CLP-1-2 Datasheet(PDF) 8 Page - Texas Instruments

Part # LT1004CLP-1-2
Description  MICROPOWER INTEGRATED VOLTAGE REFERENCES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1004CLP-1-2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LT1004CLP-1-2 Datasheet HTML 4Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 5Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 6Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 7Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 8Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 9Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 10Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 11Page - Texas Instruments LT1004CLP-1-2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LT1004-1.2, LT1004-2.5
MICROPOWER INTEGRATED VOLTAGE REFERENCES
SLVS022M − JANUARY 1989 − REVISED MAY 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
VR − Reverse Voltage − V
TA = −55°C to 125°C
100
10
1
0.1
3
2.5
2
1.5
1
0.5
0
LT1004x-2.5
REVERSE CURRENT
vs
REVERSE VOLTAGE
Figure 10
1.2
0.8
0.4
100
10
1
0.1
0.01
0
TA = 25°C
IF − Forward Current − mA
LT1004x-2.5
FORWARD VOLTAGE
vs
FORWARD CURRENT
1
0.6
0.2
2.515
2.51
2.505
2.5
2.495
2.48
2.485
125
105
85
65
45
25
5
−15
−35
2.49
TA − Free-Air Temperature − °C
−55
LT1004x-2.5
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
2.52
2.475
IZ = 100 µA
Figure 11
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - LT1004CLP-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004CLP-1-2 TI-LT1004CLP-1-2 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CLP-1-2 TI-LT1004CLP-1-2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004CLP-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com