Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2986IMX-3.0 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2986IMX-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IMX-3.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2986IMX-3.0 Datasheet HTML 7Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 8Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 9Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 10Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 11Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 12Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 13Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 14Page - Texas Instruments LP2986IMX-3.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Basic Application Circuits
Figure 32. Application Using Internal Resistive Divider
Figure 33. Application Using External Divider
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2986


Similar Part No. - LP2986IMX-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2986IMX-3.0 NSC-LP2986IMX-3.0 Datasheet
412Kb / 14P
   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986IMX-3.0 TI-LP2986IMX-3.0 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986IMX-3.0/NOPB TI1-LP2986IMX-3.0/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
More results

Similar Description - LP2986IMX-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
logo
National Semiconductor ...
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com