Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985IM5X-3.3 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3985IM5X-3.3
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985IM5X-3.3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3985IM5X-3.3 Datasheet HTML 4Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 5Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 6Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 7Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 8Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 9Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 10Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 11Page - Texas Instruments LP3985IM5X-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
-0.8
-0.4
0
0.4
VIN = VOUT + 0.5V
LP3985
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, CIN = COUT = 1 µF Ceramic, CBYPASS = 0.01 µF, VIN = VOUT + 0.2V, TA = 25°C, Enable pin is tied to
VIN.
Output Voltage Change vs Temperature
Dropout Voltage vs Load Current
Figure 7.
Figure 8.
Ground Current vs Load Current
Ground Current vs VIN @ 25°C
Figure 9.
Figure 10.
Ground Current vs VIN @ −40°C
Ground Current vs VIN @ 125°C
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3985


Similar Part No. - LP3985IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985IM5X-3.3 NSC-LP3985IM5X-3.3 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5X-3.3 TI-LP3985IM5X-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-3.3 TI1-LP3985IM5X-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5X-3.3/NOPB TI1-LP3985IM5X-3.3/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5X-3.3/NOPB TI1-LP3985IM5X-3.3/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com