Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38851SX-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LP38851SX-ADJ
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851SX-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LP38851SX-ADJ Datasheet HTML 1Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 2Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 3Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 4Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 5Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 6Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 7Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 8Page - Texas Instruments LP38851SX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LP38851
SNVS492C – JUNE 2007 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VOUT = 0.80V, VIN = VOUT(NOM) + 1V, VBIAS = 3.0V, VEN = VBIAS, IOUT = 10 mA, CIN = COUT = 10 µF,
CBIAS = 1 µF, CSS = open. Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction
temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT(NOM)+1V ≤ VIN ≤ VBIAS ≤ 4.5V
(1)
492.5
507.5
3.0V
≤ VBIAS ≤ 5.5V,
500.
485.0
515.0
10 mA
≤ IOUT ≤ 800 mA
VADJ
VADJ Accuracy
mV
VOUT(NOM)+1V ≤ VIN ≤ VBIAS ≤ 4.5V
(1)
3.0V
≤ VBIAS ≤ 5.5V,
490.0
500.
510.0
10 mA
≤ IOUT ≤ 800 mA,
0°C
≤ TJ ≤ +125°C
3.0V
≤ VBIAS ≤ 5.5V
0.80
1.20
VOUT
VOUT Range
V
4.5V
≤ VBIAS ≤ 5.5V
0.80
1.80
ΔVOUT/ΔVIN
Line Regulation, VIN
(2)
VOUT(NOM)+1V ≤ VIN ≤ VBIAS
-
0.04
-
%/V
ΔVOUT/ΔVBIAS Line Regulation, VBIAS
(2)
3.0V
≤ VBIAS ≤ 5.5V
-
0.10
-
%/V
ΔVOUT/ΔIOUT
Output Voltage Load Regulation (3)
10 mA
≤ IOUT ≤ 800 mA
-
0.2
-
%/A
150
VDO
Dropout Voltage (4)
IOUT = 800 mA
-
115
mV
200
VOUT = 0.80V
8.5
VBIAS = 3.0V
-
7.0
mA
9.0
Quiescent Current Drawn from VIN
10 mA
≤ IOUT ≤ 800 mA
IGND(IN)
Supply
100
VEN ≤ 0.5V
1
μA
300
3.8
10 mA
≤ IOUT ≤ 800 mA
-
3.0
mA
4.5
Quiescent Current Drawn from
IGND(BIAS)
VBIAS Supply
170
VEN ≤ 0.5V
100
μA
200
2.20
2.70
UVLO
Under-Voltage Lock-Out Threshold
VBIAS rising until device is functional
2.45
V
2.00
2.90
VBIAS falling from UVLO threshold until
60
300
UVLO(HYS)
Under-Voltage Lock-Out Hysteresis
150
mV
device is non-functional
50
350
VIN = VOUT(NOM) + 1V,
ISC
Output Short-Circuit Current
-
2.3
-
A
VBIAS = 3.0V, VOUT = 0.0V
Soft-Start
rSS
Soft-Start internal resistance
11.0
14.0
17.0
k
Soft-Start time
tSS
CSS = 10 nF
-
700
-
μs
tSS = CSS × rSS × 5
Enable
VEN = VBIAS
-
0.01
-
IEN
ENABLE pin Current
μA
-24
-43
VEN = 0.0V, VBIAS = 5.5V
-35
-21
-50
1.00
1.50
VEN(ON)
Enable Voltage Threshold
VEN rising until Output = ON
1.25
V
0.90
1.55
VEN falling from VEN(ON) until Output =
50
150
VEN(HYS)
Enable Voltage Hysteresis
100
mV
OFF
30
200
tOFF
Turn-OFF Delay Time
RLOAD x COUT << tOFF
-
20
-
µs
tON
Turn-ON Delay Time
RLOAD x COUT << tON
-
15
-
AC Parameters
(1)
VIN cannot exceed either VBIAS or 4.5V, whichever value is lower.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(4)
Dropout voltage is defined as the input to output voltage differential (VIN - VOUT) where the input voltage is low enough to cause the
output voltage to drop 2% from the nominal value.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38851


Similar Part No. - LP38851SX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38851SX-ADJ NSC-LP38851SX-ADJ Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38851SX-ADJ/NOPB TI1-LP38851SX-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results

Similar Description - LP38851SX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI-LP38859_15 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com