Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990SD-1.2 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3990SD-1.2
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990SD-1.2 Datasheet(HTML) 1 Page - Texas Instruments

  LP3990SD-1.2 Datasheet HTML 1Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 2Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 3Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 4Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 5Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 6Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 7Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 8Page - Texas Instruments LP3990SD-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP3990
VOUT
VIN
1.0 PF
1.0 PF
VEN
GND
VIN
VEN
6
5
2
1
VOUT
(WQFN pin connections shown)
LP3990
www.ti.com
SNVS251I – MAY 2004 – REVISED MAY 2013
LP3990 150mA Linear Voltage Regulator for Digital Applications
Check for Samples: LP3990
1
FEATURES
APPLICATIONS
2
1% Voltage Accuracy at Room Temperature
Cellular Handsets
Stable with Ceramic Capacitor
Hand-Held Information Appliances
Logic Controlled Enable
DESCRIPTION
No Noise Bypass Capacitor Required
The LP3990 regulator is designed to meet the
Thermal-Overload and Short-Circuit Protection
requirements of portable, battery-powered systems
providing an accurate output voltage, low noise, and
KEY SPECIFICATIONS
low quiescent current. The LP3990 will provide a
0.8V output from the low input voltage of 2V at up to
Input Voltage Range, 2.0 to 6.0V
150mA load current. When switched into shutdown
Output Voltage Range, 0.8 to 3.3V
mode via a logic signal at the enable pin, the power
Output Current, 150mA
consumption is reduced to virtually zero.
Output Stable - Capacitors, 1.0µF
The LP3990 is designed to be stable with space
Virtually Zero IQ (Disabled), <10nA
saving ceramic capacitors as small as 1.0µF.
Very Low IQ (Enabled), 43µA
Performance is specified for a -40°C to 125°C
Low Output Noise, 150µVRMS
junction temperature range.
PSRR, 55dB at 1kHz
For output voltages other than 0.8V, 1.2, 1.35V, 1.5V,
1.8V, 2.5V, 2.8V, or 3.3V please contact your local
Fast Start Up, 105µs
NSC sales office.
PACKAGE
All available in Lead Free option.
4-Pin DSBGA, 1 mm x 1.3 mm
6-pin WQFN (SOT-23 Footprint)
SOT-23
For other package options contact your Texas Instruments sales
office.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3990SD-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990SD-1.2 NSC-LP3990SD-1.2 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990SD-1.2 TI-LP3990SD-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.2/NOPB TI1-LP3990SD-1.2/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990SD-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com