Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3982IMM-3.0 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3982IMM-3.0
Description  LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3982IMM-3.0 Datasheet(HTML) 1 Page - Texas Instruments

  LP3982IMM-3.0 Datasheet HTML 1Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 2Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 3Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 4Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 5Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 6Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 7Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 8Page - Texas Instruments LP3982IMM-3.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2.22F
SHDN
GND
IN
OUT
FAULT
100k
2.22F
CERAMIC
VIN
VO
CC
33n
F
LP3982
www.ti.com
SNVS185D – FEBRUARY 2002 – REVISED APRIL 2013
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
Check for Samples: LP3982
1
FEATURES
DESCRIPTION
The
LP3982
low-dropout
(LDO)
CMOS
linear
2
MAX8860 Pin, Package and Spec. Compatible
regulator is available in 1.8V, 2.5V, 2.77V, 2.82V,
WSON Space Saving Package
3.0V, 3.3V, and adjustable versions. They deliver 300
300 mA Output Current
mA of output current. Packaged in an 8-Pin VSSOP,
the LP3982 is pin and package compatible with
120 mV Typical Dropout @ 300 mA
Maxim's MAX8860. The LM3982 is also available in
90
μA Typical Quiescent Current
the small footprint WSON package.
1 nA Typical Shutdown Mode
The
LP3982
suits
battery-powered
applications
60 dB Typical PSRR
because of its shutdown mode (1nA typ), low
2.5V to 6V Input Range
quiescent current (90
μA typ), and LDO voltage (120
mV typ). The low dropout voltage allows for more
120
μs Typical Turn-on Time
utilization of a battery’s available energy by operating
Stable with Small Ceramic Output Capacitors
closer to its end-of-life voltage. The LP3982's PMOS
37
μV RMS Output Voltage Noise (10 Hz to 100
output transistor consumes relatively no drive current
kHz)
compared to PNP LDO regulators.
Over-Temperature/Over-Current Protection
This PMOS regulator is stable with small ceramic
±2% Output Voltage Tolerance
capacitive loads (2.2
μF typ).
These devices also include regulation fault detection,
APPLICATIONS
a bandgap voltage reference, constant current limiting
and thermal overload protection.
Wireless Handsets
DSP Core Power
Battery Powered Electronics
Portable Information Appliances
Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3982IMM-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982IMM-3.0 NSC-LP3982IMM-3.0 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3982IMM-3.0 TI-LP3982IMM-3.0 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-3.0 TI-LP3982IMM-3.0 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-3.0 TI1-LP3982IMM-3.0 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-3.0/NOPB TI1-LP3982IMM-3.0/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
More results

Similar Description - LP3982IMM-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com