Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38691 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38691
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38691 Datasheet(HTML) 3 Page - Texas Instruments

  LP38691 Datasheet HTML 1Page - Texas Instruments LP38691 Datasheet HTML 2Page - Texas Instruments LP38691 Datasheet HTML 3Page - Texas Instruments LP38691 Datasheet HTML 4Page - Texas Instruments LP38691 Datasheet HTML 5Page - Texas Instruments LP38691 Datasheet HTML 6Page - Texas Instruments LP38691 Datasheet HTML 7Page - Texas Instruments LP38691 Datasheet HTML 8Page - Texas Instruments LP38691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LP38691, LP38693
www.ti.com
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 5 seconds)
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
V(max) All pins (with respect to GND)
-0.3V to 12V
IOUT
(5)
Internally Limited
Junction Temperature
−40°C to +150°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications, see Electrical
Characteristics. Specifications do not apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
ESD is tested using the human body model which is a 100pF capacitor discharged through a 1.5k resistor into each pin.
(4)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a
heatsink is used). The junction-to-ambient thermal resistance (
θJ-A) for the PFM is approximately 90°C/W for a PC board mounting with
the device soldered down to minimum copper area (less than 0.1 square inch). If one square inch of copper is used as a heat dissipator
for the PFM, the
θJ-A drops to approximately 50°C/W. The SOT-223 package has a θJ-A of approximately 125°C/W when soldered down
to a minimum sized pattern (less than 0.1 square inch) and approximately 70°C/W when soldered to a copper area of one square inch.
The
θJ-A values for the WSON package are also dependent on trace area, copper thickness, and the number of thermal vias used (refer
to the TI (AN-1187 Application Report) and the WSON MOUNTING section in this datasheet). If power dissipation causes the junction
temperature to exceed specified limits, the device will go into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
OPERATING RATINGS
VIN Supply Voltage
2.7V to 10V
Operating Junction Temperature Range
−40°C to +125°C
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38691 LP38693


Similar Part No. - LP38691

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38691 NSC-LP38691 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691 TI-LP38691 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691 TI-LP38691 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691 TI-LP38691 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
More results

Similar Description - LP38691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com