Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144-EM Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTC144-EM
Description  NPN Small Signal Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC144-EM Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTC144-EM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC144-EM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTC144 EM/EE/EUA/ECA/ESA
NPN Small Signal Transistor
AA
C
C
Min
Max
Min
Max
Min
Max
Min
Max
2.80
3.00
0.11
0.12
1.90
2.10
0.07
0.08
1.20
1.40
0.05
0.06
1.15
1.35
0.05
0.05
0.30
0.50
0.01
0.02
0.25
0.35
0.01
0.01
1.80
2.00
0.07
0.08
1.20
1.40
0.05
0.06
2.25
2.55
0.09
0.10
2.00
2.20
0.08
0.09
0.90
1.20
0.04
0.04
0.80
1.00
0.03
0.04
A
A
C
C
Min
Max
Min
Max
Min
Max
Min
Max
1.50
1.70
0.06
0.07
1.15
1.25
0.05
0.05
0.70
0.80
0.03
0.03
0.75
0.85
0.03
0.03
0.25
0.35
0.01
0.01
0.17
0.27
0.01
0.01
0.90
1.10
0.04
0.04
1.50
1.70
0.06
0.07
1.15
1.25
0.05
0.05
0.70
0.90
0.03
0.04
0.50
0.02
A
E
BG
F
C
Min
Max
Min
Max
3.85
4.15
0.15
0.16
3.01
3.31
0.12
0.13
15.10
15.50
0.59
0.61
0.38
0.55
0.01
0.02
1.42
1.62
0.06
0.06
D
0.66
0.86
0.03
0.03
0.36
0.51
0.01
0.02
E
F
G
A
B
C
D
E
F
TO-92S
Dimensions
Unit (mm)
Unit (inch)
C
D
0.8 TYP
0.31TYP
Unit (mm)
Unit (inch)
A
B
D
E
F
SOT-723
Unit (inch)
A
B
C
Dimensions
F
SOT-523
Dimensions
Unit (mm)
0.550 REF
0.022 REF
F
G
Unit (inch)
A
B
C
Unit (inch)
A
B
C
Dimensions
Unit (mm)
SOT-323
D
E
SOT-23
Dimensions
Unit (mm)
D
E
B
D
F
E
G
B
D
F
E
B
D
F
E
B
D
F
E
Version:A12


Similar Part No. - DTC144-EM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
logo
ON Semiconductor
DTC144E ONSEMI-DTC144E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTC144E ROHM-DTC144E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTC144E ROHM-DTC144E Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTC144E UTC-DTC144E Datasheet
47Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
More results

Similar Description - DTC144-EM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com