Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2996MRX Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MRX
Description  LP2996-N DDR Termination Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MRX Datasheet(HTML) 2 Page - Texas Instruments

  LP2996MRX Datasheet HTML 1Page - Texas Instruments LP2996MRX Datasheet HTML 2Page - Texas Instruments LP2996MRX Datasheet HTML 3Page - Texas Instruments LP2996MRX Datasheet HTML 4Page - Texas Instruments LP2996MRX Datasheet HTML 5Page - Texas Instruments LP2996MRX Datasheet HTML 6Page - Texas Instruments LP2996MRX Datasheet HTML 7Page - Texas Instruments LP2996MRX Datasheet HTML 8Page - Texas Instruments LP2996MRX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VDDQ
PVIN
AVIN
1
2
3
4
8
7
6
5
VSENSE
VREF
SD
GND
VTT
GND
VDDQ
VREF
VSENSE
10
11
GND
N/C
12
9
8
7
6
5
4
3
2
1
13
14
15
16
VTT
N/C
VTT
N/C
VDDQ
PVIN
AVIN
1
2
3
4
8
7
6
5
VSENSE
VREF
SD
GND
VTT
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. SOIC-8 Layout
Figure 1. WQFN-16 Layout (Top View)
Figure 3. SO PowerPAD-8 Layout
PIN DESCRIPTIONS
SOIC-8 Pin
or SO
WQFN Pin
Name
Function
PowerPAD-8
Pin
1
2
GND
Ground
2
4
SD
Shutdown
3
5
VSENSE
Feedback pin for regulating VTT.
4
7
VREF
Buffered internal reference voltage of VDDQ/2
5
8
VDDQ
Input for internal reference equal to VDDQ/2
6
10
AVIN
Analog input pin
7
11, 12
PVIN
Power input pin
8
14, 15
VTT
Output voltage for connection to termination resistors
-
1, 3, 6, 9, 13, 16
NC
No internal connection
EP
EP
Exposed pad thermal connection. Connect to Ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
AVIN to GND
−0.3V to +6V
PVIN to GND
-0.3V to AVIN
VDDQ(3)
−0.3V to +6V
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
SOIC-8 Thermal Resistance (
θJA)
151°C/W
SO PowerPAD-8 Thermal Resistance (
θJA)
43°C/W
WQFN-16 Thermal Resistance (
θJA)
51°C/W
Lead Temperature (Soldering, 10 sec)
260°C
ESD Rating(4)
1kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating range indicates conditions for which
the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test conditions
see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
VDDQ voltage must be less than 2 x (AVIN - 1) or 6V, whichever is smaller.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N


Similar Part No. - LP2996MRX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2996MRX NSC-LP2996MRX Datasheet
450Kb / 18P
   DDR Termination Regulator
logo
Texas Instruments
LP2996MRX TI1-LP2996MRX Datasheet
330Kb / 21P
[Old version datasheet]   DDR Termination Regulator
LP2996MRX TI-LP2996MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2996-N DDR Termination Regulator
LP2996MRX TI1-LP2996MRX Datasheet
1Mb / 28P
[Old version datasheet]   DDR Termination Regulator
LP2996MRX-NOPB TI-LP2996MRX-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Source and Sink Current, Low Output Voltage Offset
More results

Similar Description - LP2996MRX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2996-N TI-LP2996-N Datasheet
1Mb / 26P
[Old version datasheet]   LP2996-N DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com