Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3467AEDDB Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT3467AEDDB
Description  1.1A Step-Up DC/DC Converter with
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3467AEDDB Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT3467AEDDB Datasheet HTML 6Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 7Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 8Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 9Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 10Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 11Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 12Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 13Page - Linear Integrated Systems LT3467AEDDB Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT3467/LT3467A
10
3467afe
APPLICATIONS INFORMATION
Compensation—Theory
Like all other current mode switching regulators, the
LT3467/LT3467A needs to be compensated for stable
and efficient operation. Two feedback loops are used in
the LT3467/LT3467A: a fast current loop which does not
require compensation, and a slower voltage loop which
does. Standard Bode plot analysis can be used to under-
stand and adjust the voltage feedback loop.
As with any feedback loop, identifying the gain and phase
contribution of the various elements in the loop is critical.
Figure 6 shows the key equivalent elements of a boost
converter. Because of the fast current control loop, the
power stage of the IC, inductor and diode have been re-
placed by the equivalent transconductance amplifier gmp.
gmp acts as a current source where the output current is
proportional to the VC voltage. Note that the maximum
output current of gmp is finite due to the current limit
in the IC.
From Figure 6, the DC gain, poles and zeroes can be
calculated as follows:
Output Pole: P1=
2
2•
π •RL •COUT
Error Amp Pole: P2=
1
2•
π •RO •CC
Error Amp Zero: Z1=
1
2•
π •RC •CC
DC GAIN: A=
1.255
VOUT
2 •VIN •gma •RO •gmp •RL
1
2
ESR Zero: Z2
=
1
2•
π •RESR •COUT
RHP Zero: Z3=
VIN
2 •R
L
2•
π •VOUT
2 •L
High Frequency Pole: P3>
fS
3
Phase Lead Zero: Z4
=
1
2•
π •R1•CPL
Phase Lead Pole: P4
=
1
2•
π •CPL
R1•R2
R1
+R2
The current mode zero is a right-half plane zero which can
be an issue in feedback control design, but is manageable
with proper external component selection.
+
gma
RC
RO
R2
CC: COMPENSATION CAPACITOR
COUT: OUTPUT CAPACITOR
CPL: PHASE LEAD CAPACITOR
gma: TRANSCONDUCTANCE AMPLIFIER INSIDE IC
gmp: POWER STAGE TRANSCONDUCTANCE AMPLIFIER
RC: COMPENSATION RESISTOR
RL: OUTPUT RESISTANCE DEFINED AS VOUT DIVIDED BY ILOAD(MAX)
RO: OUTPUT RESISTANCE OF gma
R1, R2: FEEDBACK RESISTOR DIVIDER NETWORK
RESR: OUTPUT CAPACITOR ESR
3467 F06
R1
COUT
CPL
RL
RESR
VOUT
VC
CC
gmp
1.255V
REFERENCE
Figure 6. Boost Converter Equivalent Model


Similar Part No. - LT3467AEDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467A LINER-LT3467A Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3467A LINER-LT3467A Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
More results

Similar Description - LT3467AEDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com