Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBME13C3PVF225 Datasheet(PDF) 10 Page - ITT Industries

Part # DBME13C3PVF225
Description  A Historical Achievement of Technology Leadership
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBME13C3PVF225 Datasheet(HTML) 10 Page - ITT Industries

Back Button DBME13C3PVF225 Datasheet HTML 6Page - ITT Industries DBME13C3PVF225 Datasheet HTML 7Page - ITT Industries DBME13C3PVF225 Datasheet HTML 8Page - ITT Industries DBME13C3PVF225 Datasheet HTML 9Page - ITT Industries DBME13C3PVF225 Datasheet HTML 10Page - ITT Industries DBME13C3PVF225 Datasheet HTML 11Page - ITT Industries DBME13C3PVF225 Datasheet HTML 12Page - ITT Industries DBME13C3PVF225 Datasheet HTML 13Page - ITT Industries DBME13C3PVF225 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
10
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Coaxial 90° PCB (Size DD)
Plug
Engaging Face
Screw lock, boardlock, and coaxial contact
removed for clarity
Screw lock, boardlock, and signal contacts
removed for clarity
11,53 ± 0,25
(.454 ± .010)
5,68
(.224)
2,84
(.112)
4,33 ± 0,38
(.170 ± .015)
RIVNUT
#4-40 UNC
F
W
3,89 (.153)
MIN
11,94 ± 0,33
(.470 ± .013)
L
2,54
(.100)
Ø 0,51
(.020)
0,56
(.023)
6,50 ± 0,25
(.256 ± .010)
13,74
(.541)
10,06
(.396)
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
A
C
B
D
E
Ø 0,76
(.030)
0,82
(.032)
2,92
(.115)
BOARDLOCK
10°
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
Cannon Combo D®
Coax 90° PCB Plug DD
Coaxial 90° PCB Plug, size DD, with metal bracket
INDUSTRIAL – US
INDUSTRIAL – EU**
MILITARY/HI-REL – US
NON-MAGNETIC/LOW OUTGASSING-EU***
75 Ohm* coax inserted with
75 Ohm* coax inserted with
50 Ohm* coax inserted with
50 Ohm* coax inserted with
US footprint metal bracket
EU footprint metal bracket
US footprint metal bracket
US footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Cadmium Plating
Gold Plating
DD
24W7
DDMP24C7P-JK87
DDMC24C7P-JK87
DDMP24C7P-VK87
DDMC24C7P-VK87
DDMMD24X7P-J
DDMMG24X7P-J
DDM24X7P-JNMB
DDM24X7P-JNMBK52
DD
36W4
DDMP36C4P-JK87
DDMC36C4P-JK87
DDMP36C4P-VK87
DDMC36C4P-VK87
DDMMD36X4P-J
DDMMG36X4P-J
DDM36X4P-JNMB
DDM36X4P-JNMBK52
DD
43W2
DDMP43C2P-JK87
DDMC43C2P-JK87
DDMP43C2P-VK87
DDMC43C2P-VK87
DDMMD43X2P-J
DDMMG43X2P-J
DDM43X2P-JNMB
DDM43X2P-JNMBK52
DD
47W1
DDMP47C1P-JK87
DDMC47C1P-JK87
DDMP47C1P-VK87
DDMC47C1P-VK87
DDMMD47X1P-J
DDMMG47X1P-J
DDM47X1P-JNMB
DDM47X1P-JNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DCM13C6P-J becomes DCM13X6P-J. **For M-3 hardware, see part number designator, page 7.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
Forcontactcavityarrangements,seepage61.
Forpcbholepattern,seepages67-68.
Formountingmethods,seepages59-60.
US version shown – for EU version, please contact factory.
For 50 ohm coaxial version, see readers resource section, page 63.
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,41 (.015)
± 0,25 (.010)
DD
66,93(2.635)
52,81(2.079)
61,11(2,406)
11,07(.436)
15,37(.605)
10,82(.426)
6,84(.269)
0,99(.039)
Dimensions
Note: Dimension varies with alternate bracket configuration, see Reader’s Resource page 64.
Plug


Similar Part No. - DBME13C3PVF225

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBME13C3PVF225 ITT-DBME13C3PVF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBME13C3PVF225 ITT-DBME13C3PVF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DBME13C3PVF225

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEMP2C2P-JK87 ITT-DEMP2C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
DCMM-8W8P ITT-DCMM-8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com