Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963AEQ-1.8 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1963AEQ-1.8
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963AEQ-1.8 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1963AEQ-1.8 Datasheet HTML 2Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 3Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 4Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 5Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 6Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 7Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 8Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 9Page - Linear Integrated Systems LT1963AEQ-1.8 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT1963A Series
6
1963aff
For more information www.linear.com/LT1963A
elecTrical characTerisTics The
l
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 0.75A
55
63
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = –0.1V
1.6
2
A
A
Input Reverse Leakage Current (Note 13) Q, T, S8 Packages VIN = –20V, VOUT = 0
ST Package
VIN = –20V, VOUT = 0
1
2
mA
mA
Reverse Output Current (Note 11)
LT1963A-1.5
VOUT = 1.5V, VIN < 1.5V
LT1963A-1.8
VOUT = 1.8V, VIN < 1.8V
LT1963A-2.5
VOUT = 2.5V, VIN < 2.5V
LT1963A-3.3
VOUT = 3.3V, VIN < 3.3V
LT1963A (Note 4)
VOUT = 1.21V, VIN < 1.21V
600
600
600
600
300
1200
1200
1200
1200
600
µA
µA
µA
µA
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Absolute maximum input to output differential voltage can not
be achieved with all combinations of rated IN pin and OUT pin voltages.
With the IN pin at 20V, the OUT pin may not be pulled below 0V. The total
measured voltage from IN to OUT can not exceed ±20V.
Note 3: The LT1963A regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1963AE is 100% tested at TA = 25°C.
Performance at –40°C and 125°C is assured by design, characterization and
correlation with statistical process controls. The LT1963AI is guaranteed
over the full –40°C to 125°C operating junction temperature range. The
LT1963AMP is 100% tested and guaranteed over the –55°C to 125°C
operating junction temperature range.
Note 4: The LT1963A (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 5: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 6: To satisfy requirements for minimum input voltage, the LT1963A
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 4.12k resistors) for an output voltage of 2.4V.
The external resistor divider will add a 300µA DC load on the output.
Note 7: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 1V and a
current source load. The GND pin current will decrease at higher input
voltages.
Note 9: ADJ pin bias current flows into the ADJ pin.
Note 10: SHDN pin current flows into the SHDN pin.
Note 11: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 12: For the LT1963A, LT1963A-1.5 and LT1963A-1.8 dropout voltage
will be limited by the minimum input voltage specification under some
output voltage/load conditions.
Note 13: For the ST package, the input reverse leakage current increases
due to the additional reverse leakage current for the SHDN pin, which is
tied internally to the IN pin.


Similar Part No. - LT1963AEQ-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AEQ-1.8 LINER-LT1963AEQ-1.8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEQ-1.8 LINER-LT1963AEQ-1.8 Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AEQ-1.8 LINER-LT1963AEQ-1.8 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AEQ-1.8 LINER-LT1963AEQ-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AEQ-1.8 LINEAR-LT1963AEQ-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AEQ-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com