Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1014DN Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1014DN
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1014DN Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1014DN Datasheet HTML 1Page - Linear Integrated Systems LT1014DN Datasheet HTML 2Page - Linear Integrated Systems LT1014DN Datasheet HTML 3Page - Linear Integrated Systems LT1014DN Datasheet HTML 4Page - Linear Integrated Systems LT1014DN Datasheet HTML 5Page - Linear Integrated Systems LT1014DN Datasheet HTML 6Page - Linear Integrated Systems LT1014DN Datasheet HTML 7Page - Linear Integrated Systems LT1014DN Datasheet HTML 8Page - Linear Integrated Systems LT1014DN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT1013/LT1014

10134fd
Typical applicaTion
DescripTion
Quad Precision Op Amp (LT1014)
Dual Precision Op Amp (LT1013)
TheLT®1014isthefirstprecisionquadoperationalamplifier
which directly upgrades designs in the industry standard
14-pin DIP LM324/LM348/OP-11/4156 pinconfiguration.
It is no longer necessary to compromise specifications,
while saving board space and cost, as compared to single
operational amplifiers.
The LT1014’s low offset voltage of 50µV, drift of 0.3µV/°C,
offset current of 0.15nA, gain of 8 million, common mode
rejection of 117dB and power supply rejection of 120dB
qualify it as four truly precision operational amplifiers.
Particularly important is the low offset voltage, since no
offsetnullterminalsareprovidedinthequadconfiguration.
Although supply current is only 350µA per amplifier, a new
output stage design sources and sinks in excess of 20mA
of load current, while retaining high voltage gain.
Similarly,theLT1013isthefirstprecisiondualopampinthe
8-pin industry standard configuration, upgrading the per-
formanceofsuchpopulardevicesastheMC1458/MC1558,
LM158andOP-221.TheLT1013’sspecificationsaresimilar
to (even somewhat better than) the LT1014’s.
Both the LT1013 and LT1014 can be operated off a single
5V power supply: input common mode range includes
ground; the output can also swing to within a few millivolts
of ground. Crossover distortion, so apparent on previous
single-supply designs, is eliminated. A full set of specifica-
tions is provided with ±15V and single 5V supplies.
FeaTures
applicaTions
n
Single Supply Operation
Input Voltage Range Extends to Ground
Output Swings to Ground While Sinking Current
n
Pin Compatible to 1458 and 324 with Precision Specs
n
Guaranteed Offset Voltage: 150µV Max
n
Guaranteed Low Drift: 2µV/°C Max
n
Guaranteed Offset Current: 0.8nA Max
n
Guaranteed High Gain
5mA Load Current: 1.5 Million Min
17mA Load Current: 0.8 Million Min
n
Guaranteed Low Supply Current: 500µA Max
n
Low Voltage Noise, 0.1Hz to 10Hz: 0.55µVP-P
n
Low Current Noise—Better than 0P-07, 0.07pA/√Hz
n
Battery-Powered Precision Instrumentation
Strain Gauge Signal Conditioners
Thermocouple Amplifiers
Instrumentation Amplifiers
n
4mA to 20mA Current Loop Transmitters
n
Multiple Limit Threshold Detection
n
Active Filters
n
Multiple Gain Blocks
LT1014
1
4
11
2
3
5V
5V
1M
4k
OUTPUT A
10mV/°C
LT1014
7
6
5
1M
OUTPUT B
10mV/°C
4k
1.8k
YSI 44007
5k
AT 25°C
260
1684
299k
3k
LT1004
1.2V
14
12
13
+
LT1014
USE TYPE K THERMOCOUPLES. ALL RESISTORS = 1% FILM.
COLD JUNCTION COMPENSATION ACCURATE
TO ±1°C FROM 0°C TO 60°C.
USE 4TH AMPLIFIER FOR OUTPUT C.
LT1014 Distribution of Offset Voltage
3-Channel Thermocouple Thermometer
INPUT OFFSET VOLTAGE (µV)
–300
0
200
–200
–100
100
300
700
600
500
400
300
200
100
0
VS = ±15V
TA = 25°C
425 LT1014s
(1700 OP AMPS)
TESTED FROM
THREE RUNS
J PACKAGE
1013/14 TA02
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT1014DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014DN TI-LT1014DN Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1014DN LINER-LT1014DN Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014DN LINER-LT1014DN Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Texas Instruments
LT1014DN TI-LT1014DN Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LT1014DN LINEAR-LT1014DN Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014DN

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com