Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1014DN Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1014DN
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1014DN Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1014DN Datasheet HTML 5Page - Linear Integrated Systems LT1014DN Datasheet HTML 6Page - Linear Integrated Systems LT1014DN Datasheet HTML 7Page - Linear Integrated Systems LT1014DN Datasheet HTML 8Page - Linear Integrated Systems LT1014DN Datasheet HTML 9Page - Linear Integrated Systems LT1014DN Datasheet HTML 10Page - Linear Integrated Systems LT1014DN Datasheet HTML 11Page - Linear Integrated Systems LT1014DN Datasheet HTML 12Page - Linear Integrated Systems LT1014DN Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT1013/LT1014

10134fd
Typical perForMance characTerisTics
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01 0.1
1M 10M
1 10 100 1k 10k 100k
140
120
100
80
60
40
20
0
–20
VS = ±15V
VS = 5V, 0V
TA = 25°C
CL = 100pF
1013/14 TPC21
LOAD RESISTANCE TO GROUND ()
100
100k
1M
10M
1k
10k
VO = 20mV TO 3.5V
WITH VS = 5V, 0V
TA = 25°C, VS = ±15V
TA = –55°C, VS = ±15V
TA = 125°C, VS = ±15V
TA = –55°C, VS = 5V, 0V
TA = 25°C, VS = 5V, 0V
TA = 125°C, VS = 5V, 0V
VO = ±10V WITH VS = ±15V
1013/14 TPC20
Output Short-Circuit Current
vs Time
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
1
2
40
30
20
10
0
–10
–20
–30
–40
3
–55°C
25°C
25°C
125°C
125°C
–55°C
VS = ±15V
1013/14 TPC19
Voltage Gain vs Load Resistance
Gain, Phase vs Frequency
Channel Separation
vs Frequency
applicaTions inForMaTion
FREQUENCY (MHz)
0.1
0.3
20
10
0
–10
80
100
120
140
160
180
200
1
3
10
TA = 25°C
VCM = 0V
CL = 100pF
PHASE
±15V
5V, 0V
±15V
5V, 0V
GAIN
1013/14 TPC22
FREQUENCY (Hz)
10
160
140
120
100
80
60
100k
100
1k
10k
1M
LIMITED BY
THERMAL
INTERACTION
RS = 1k
RS = 100
VS = ±15V
TA = 25°C
VIN = 20Vp-p to 5kHz
RL = 2k
LIMITED BY
PIN TO PIN
CAPACITANCE
1013/14 TPC23
Single Supply Operation
The LT1013/LT1014 are fully specified for single supply
operation, i.e., when the negative supply is 0V. Input
common mode range includes ground; the output swings
within a few millivolts of ground. Single supply operation,
however, can create special difficulties, both at the input
andattheoutput.TheLT1013/LT1014havespecificcircuitry
which addresses these problems.
At the input, the driving signal can fall below 0V—in-
advertently or on a transient basis. If the input is more
than a few hundred millivolts below ground, two distinct
problems can occur on previous single supply designs,
such as the LM124, LM158, OP-20, OP-21, OP-220,
OP-221, OP-420:
a) When the input is more than a diode drop below
ground, unlimited current will flow from the substrate
(Vterminal) to the input. This can destroy the unit. On
the LT1013/LT1014, the 400Ω resistors, in series with the
input (see Schematic Diagram), protect the devices even
when the input is 5V below ground.


Similar Part No. - LT1014DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014DN TI-LT1014DN Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1014DN LINER-LT1014DN Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014DN LINER-LT1014DN Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Texas Instruments
LT1014DN TI-LT1014DN Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LT1014DN LINEAR-LT1014DN Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014DN

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com