Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT48802 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT48802
Description  Spread- Spectrum Signal Processor Integrated Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT48802 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT48802 Datasheet HTML 15Page - ATMEL Corporation AT48802 Datasheet HTML 16Page - ATMEL Corporation AT48802 Datasheet HTML 17Page - ATMEL Corporation AT48802 Datasheet HTML 18Page - ATMEL Corporation AT48802 Datasheet HTML 19Page - ATMEL Corporation AT48802 Datasheet HTML 20Page - ATMEL Corporation AT48802 Datasheet HTML 21Page - ATMEL Corporation AT48802 Datasheet HTML 22Page - ATMEL Corporation AT48802 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Function
Register
Bit #
Description
P0.2 OPT
13
6
0 selects register 7 bit 2 to output at pin 4.
1 selects RX PN Sync to output at pin 4.
P0.3 OPT
13
7
0 selects register 7 bit 3 to output at pin 5.
1 selects TX PN Sync to output at pin 5.
Wake latches
14
0-2
Allows the microcontroller to see why the unit came
awake, to allow proper response.
Wake 0
Wake 1
Wake 2
Wakeup Cause
0
0
0
power on reset
0
0
1
timer
0
1
0
FLIPSW
0
1
1
timer and FLIPSW
1
0
0
INTERCOM
1
0
1
timer and
INTERCOM
1
1
0
FLIPSW and
INTERCOM
1
1
1
Everything
WAKE bits are cleared (set to 0) upon entering the
sleep mode. See section 2.2.
Sense FLIPSW
14
4
Direct sense of FLIPSW input pin 21. For example,
when the handset is already awake and the user wants
to hang up and start a new call, then the microcontroller
could sense this by scanning this bit. Not latched.
Sense
INTERCOM
14
5
Direct sense of INTERCOM pin 51. For example, when
the handset is already awake and the user wants to
hang up and start an intercom call, then the
microcontroller could sense this by scanning this bit. Not
latched.
Test Mode
14
7
Not a user function.
Register Functions (Continued)
Lead Temperature ...........................................300°C
Storage Temperature...................... -55°C to +125°C
VCC, Supply Voltage .......................... -0.3V to +7.0V
Input Pin Voltage........................-0.3V to VCC + 0.3V
Input Pin Current.......................... -10 mA to +10 mA
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
AT48802
2-19


Similar Part No. - AT48802

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT48801 ATMEL-AT48801 Datasheet
429Kb / 17P
   8 Bit Spread- Spectrum Microcontroller
AT48801-16QC ATMEL-AT48801-16QC Datasheet
429Kb / 17P
   8 Bit Spread- Spectrum Microcontroller
AT48801-16QI ATMEL-AT48801-16QI Datasheet
429Kb / 17P
   8 Bit Spread- Spectrum Microcontroller
More results

Similar Description - AT48802

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
NTE Electronics
NTE1417 NTE-NTE1417 Datasheet
24Kb / 3P
   Integrated Circuit Deflection Signal Processor
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
   Integrated Circuit Video Signal Processor
NTE1295 NTE-NTE1295 Datasheet
29Kb / 3P
   Integrated Circuit TV Signal Processor
NTE1299 NTE-NTE1299 Datasheet
81Kb / 3P
   Integrated Circuit TV Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com