Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29C512 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 29C512
Description  512K 64K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

29C512 Datasheet(HTML) 4 Page - ATMEL Corporation

  29C512 Datasheet HTML 1Page - ATMEL Corporation 29C512 Datasheet HTML 2Page - ATMEL Corporation 29C512 Datasheet HTML 3Page - ATMEL Corporation 29C512 Datasheet HTML 4Page - ATMEL Corporation 29C512 Datasheet HTML 5Page - ATMEL Corporation 29C512 Datasheet HTML 6Page - ATMEL Corporation 29C512 Datasheet HTML 7Page - ATMEL Corporation 29C512 Datasheet HTML 8Page - ATMEL Corporation 29C512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
0456H–FLASH–2/05
AT29C512
4.4
Software Data Protection
A software controlled data protection feature is available on the AT29C512. Once the software
protection is enabled a software algorithm must be issued to the device before a program may
be performed. The software protection feature may be enabled or disabled by the user; when
shipped from Atmel, the software data protection feature is disabled. To enable the software
data protection, a series of three program commands to specific addresses with specific data
must be performed. After the software data protection is enabled the same three program com-
mands must begin each program cycle in order for the programs to occur. All software program
commands must obey the sector program timing specifications. Once set, the software data pro-
tection feature remains active unless its disable command is issued. Power transitions will not
reset the software data protection feature; however, the software feature will guard against inad-
vertent program cycles during power transitions.
Once set, software data protection will remain active unless the disable command sequence is
issued.
After setting SDP, any attempt to write to the device without the 3-byte command sequence will
start the internal write timers. No data will be written to the device; however, for the duration of
t
WC, a read operation will effectively be a polling operation.
After the software data protection’s 3-byte command code is given, a byte load is performed by
applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The
address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by
the first rising edge of CE or WE. The 128 bytes of data must be loaded into each sector by the
same procedure as outlined in the program section under device operation.
4.5
Hardware Data Protection
Hardware features protect against inadvertent programs to the AT29C512 in the following ways:
(a) V
CC sense – if VCC is below 3.8V (typical), the program function is inhibited; (b) VCC power on
delay – once VCC has reached the VCC sense level, the device will automatically time out 5 ms
(typical) before programming; (c) Program inhibit – holding any one of OE low, CE high or WE
high inhibits program cycles; and (d) Noise filter – pulses of less than 15 ns (typical) on the WE
or CE inputs will not initiate a program cycle.
4.6
Product Identification
The product identification mode identifies the device and manufacturer as Atmel. It may be
accessed by hardware or software operation. The hardware operation mode can be used by an
external programmer to identify the correct programming algorithm for the Atmel product. In
addition, users may wish to use the software product identification mode to identify the part (i.e.,
using the device code), and have the system software use the appropriate sector size for pro-
gram operations. In this manner, the user can have a common board design for 256K to 4-
megabit densities and, with each density’s sector size in a memory map, have the system soft-
ware apply the appropriate sector size.
For details, see Operating Modes (for hardware operation) or Software Product Identification.
The manufacturer and device code is the same for both modes.


Similar Part No. - 29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
More results

Similar Description - 29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com