Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013ACN8 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1013ACN8
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1013ACN8 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1013ACN8 Datasheet HTML 7Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 8Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 9Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 10Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 11Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 12Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 13Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 14Page - Linear Integrated Systems LT1013ACN8 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT1013/LT1014

10134fd
Typical applicaTions
applicaTions inForMaTion
Low Supply Operation
The minimum supply voltage for proper operation of the
LT1013/LT1014 is 3.4V (three Ni-Cad batteries). Typical
supply current at this voltage is 290µA, therefore power
dissipation is only one milliwatt per amplifier.
Noise Testing
For applications information on noise testing and calcula-
tions, please see the LT1007 or LT1008 data sheet.
Test Circuit for Offset Voltage and
Offset Drift with Temperature
LT1013
OR LT1014
LT1013/14 F06
15V
–15V
100*
50k*
50k*
VO
RESISTOR MUST HAVE LOW
THERMOELECTRIC POTENTIAL.
THIS CIRCUIT IS ALSO USED AS THE BURN-IN
CONFIGURATION, WITH SUPPLY VOLTAGES
INCREASED TO ±20V.
VO = 1000VOS
*
**
50MHz Thermal RMS-to-DC Converter
+
LT1014
LT1014
8
10
9
7
4
11
6
5
0V TO 4V
OUTPUT
10k*
10k*
10k*
10k*
10k
10k*
20k
FULL-
SCALE
TRIM
5V
LT1014
14
13
12
10k*
100k*
0.01
0.01
LT1014
1
2
3
100k*
0.01
300*
30k*
1µF
1µF
10k
10k
T1A
T1B
T2B
T2A
BRN RED
RED
GRN
GRN
BRN
INPUT
300mV–
10VRMS
5V
2% ACCURACY, DC–50MHz.
100:1 CREST FACTOR CAPABILITY.
0.1% RESISTOR.
T1–T2 = YELLOW SPRINGS INST. CO. THERMISTOR COMPOSITE #44018.
ENCLOSE T1 AND T2 IN STYROFOAM.
7.5mW DISSIPATION.
*
30k*
1013/14 TA03
+
1/2 LT1013
8
4
7
5
6
5V
OUTPUT A
R2
R1
1µF
1µF
5
2
3
15
6
18
+INPUT
–INPUT
+
1/2 LT1013
1
3
2
OUTPUT B
R2
R1
1µF
8
11
12
14
7
13
+INPUT
–INPUT
1/2 LTC1043
1/2 LTC1043
16
0.01
OFFSET = 150mV
GAIN =
+ 1.
CMRR = 120dB.
COMMON MODE RANGE IS 0V TO 5V.
R2
R1
1µF
1013/14 TA04
5V Single Supply Dual Instrumentation Amplifier


Similar Part No. - LT1013ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013ACN8 LINER-LT1013ACN8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1013ACN8 LINER-LT1013ACN8 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013ACN8 LINEAR-LT1013ACN8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com