Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM9JAA Datasheet(PDF) 5 Page - Tyco Electronics

Part # FSM9JAA
Description  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM9JAA Datasheet(HTML) 5 Page - Tyco Electronics

  FSM9JAA Datasheet HTML 1Page - Tyco Electronics FSM9JAA Datasheet HTML 2Page - Tyco Electronics FSM9JAA Datasheet HTML 3Page - Tyco Electronics FSM9JAA Datasheet HTML 4Page - Tyco Electronics FSM9JAA Datasheet HTML 5Page - Tyco Electronics FSM9JAA Datasheet HTML 6Page - Tyco Electronics FSM9JAA Datasheet HTML 7Page - Tyco Electronics FSM9JAA Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
E7
E
FSMRAJ Series
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Tactile Switches, .236 [6] x .236 [6], Right Angle
FSMRA7J
Type
SPST
Off
(On)
(On) indicates momentary position.
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver clad plate
Case..........................................PBT
Actuator Button ......................Nylon/acetal
Frame ......................................Steel, tin plate
Terminals ................................Copper alloy, silver plate
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............ -4°F to +185°F (-20°C to +85°C)
Storage Temperature................-22°F to +185°F (-30°C to +85°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................See Below
Actuator Travel........................ .012" (0,3)
Life Expectancy ......................Up to 100,000 Cycles
Up to 50,000 Cycles 520 GF (AA option)
.280
(7.11)
.236
(5.99)
.331
(8.40)
.276
(7.01)
.177
(4.49)
.028
(0.71)
.016
(0.40)
.075
(1.90)
.276
(7.01)
.138
(3.50)
.032
(0.81)
.138
(3.50)
DIA.
.016
(0.40)
.012
(0.30)
.157
(3.99)
.158
± .001
(4.01
± 0.02)
“A”
.051
± .002
(1.3
± 0.05)
DIA.
.012
(0.30)
MAX.
B
.158
(4.01)
.039
(0.99)
.039
± .004
(0.99
± 0.10)
DIA.
.098
± .004
(2.5
± 0.10)
.098
± .002
(2.49
± 0.05)
.276
(7.01)
.177
± .004
(4.49
± 0.10)
.248
(6.29)
.280
(7.11)
.236
(5.99)
.331
(8.40)
.276
(7.01)
.177
(4.49)
.028
(0.71)
.016
(0.40)
.075
(1.90)
.276
(7.01)
.138
(3.50)
.032
(0.81)
.138
(3.50)
DIA.
.016
(0.40)
.012
(0.30)
.157
(3.99)
.158
± .001
(4.01
± 0.02)
“A”
.051
± .002
(1.3
± 0.05)
DIA.
.012
(0.30)
MAX.
B
.158
(4.01)
.039
(0.99)
.039
± .004
(0.99
± 0.10)
DIA.
.098
± .004
(2.5
± 0.10)
.098
± .002
(2.49
± 0.05)
.276
(7.01)
.177
± .004
(4.49
± 0.10)
.248
(6.29)
PART NUMBERING SEQUENCE
BLANK = STD. TEMP.
H = HIGH TEMP.
MATERIAL: CASE, PPS
ACTUATOR, PPS
(ACTUATOR OPTIONS 1 - 2)
BLANK = 160 g (STD.)
A = 260 g (OPT.)
AA = 520 g (OPT.)
L = 100 g (OPT.)
CONSULT FACTORY
FOR OTHER OPTIONS
Actuator
Actuation
Model
Length
Temperature
Force
J
FSMRA
ACTUATOR
SWITCH
LENGTH
HEIGHT
DIM “A”
DIM “B”
.022" (0,56)
1
.124" (3,15)
.049" (1,24)
2
.152" (3,86)
.128" (3,25)
3
.230" (5,84)
.226" (5,74)
4
.329" (8,36)
.140" (3,55)
5
.242" (6,15)
.167" (4,24)
6
.269" (6,85)
.364" (9,24)
7
.467" (11,86)
.522" (13,26)
8
.624" (15,85)
±50g Tolerance
Tyco
Dim.
Dim
Electronics
Alcoswitch
A
B
8-1437565-4
FSMRA 1J
.022" (0,55)
.124" (3,15)
1571386-2
FSMRA 1JL
.022" (0,55)
.124" (3,15)
8-1437565-5
FSMRA 2J
.049" (1,25)
.152" (3,86)
1571386-1
FSMRA 2JL
.049" (1,25)
.152" (3,86)
8-1437565-8
FSMRA 2JA
.049" (1,25)
.152" (3,86)
8-1437565-9
FSMRA 2JH
.049" (1,25)
.152" (3,86)
9-1437565-0
FSMRA 3J
.128" (3,25)
.230" (5,84)
1571386-3
FSMRA 3JL
.128" (3,25)
.230" (5,84)
9-1437565-1
FSMRA 4J
.226" (5,74)
.329" (8,36)
1571819-1
FSMRA 4JA
.226" (5,74)
.329" (8,36)
1571386-4
FSMRA 4JL
.226" (5,74)
.329" (8,36)
9-1437565-2
FSMRA 5J
.140" (3,55)
.242" (6,15)
1571386-5
FSMRA 5JL
.140" (3,55)
.242" (6,15)
9-1437565-3
FSMRA 6J
.167" (4,25)
.269" (6,85)
1571386-6
FSMRA 6JL
.167" (4,25)
.269" (6,85)
9-1437565-5
FSMRA 7J
.364" (9,25)
.467" (11,86)
1571386-7
FSMRA 7JL
.364" (9,25)
.467" (11,86)
1571419-1
FSMRA 8J
.522” (13,26)
.624” (15,85)
1571386-8
FSMRA 8JL
.522” (13,26)
.624” (15,85)


Similar Part No. - FSM9JAA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FSM9JAA MACOM-FSM9JAA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM9JAA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM2JSMA MACOM-FSM2JSMA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-1 MACOM-2-1437565-1 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-6 MACOM-2-1437565-6 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSMRA2JH MACOM-FSMRA2JH Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-9 MACOM-2-1437565-9 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM MACOM-FSM Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com