Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTA124EM
Description  PNP Small Signal Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA124EM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTA124EM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA124EM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA124EM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistor
(see equivalent circuit)
The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
Only the on/off conditions need to be set for
operation, marking device design easy.
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code.
SOT-723
15
Note : Detail please see "Ordering Information(detail, example)" below.
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Maximum Ratings
EM
EE
EUA
ECA
ESA
100
150
300
mW
V
V
mA
oC
Note 1:Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics
Min
Typ
Max
Units
-0.5
-3
-0.3
V
-0.36
mA
-0.5
μA
56
15.4
22
28.6
KΩ
0.8
1
1.2
250
MHz
-50
V
Condtion
VCC= -5V, IO= -100μA
VO= -0.2V, IO= -5mA
Marking
VI=-5V
VCC= -50V, VI=0
VO= -5V, IO= -5mA
DTA124 EM/EE/EUA/ECA/ESA
Small Signal Product
Value
Ordering Information (example)
Features
PNP Small Signal Transistor
Packing code
DTA124 EM
Packing
8K / 7" Reel
Units
Package
-30
200
Part No.
RM
Packing code
(Green)
VO= -10V,IO= -5mA, f=100MHz
IO(off)
GI
-40 ~ +10
- 55 to + 150
VIN
IO
IO / II= -10mA / -0.5mA
Equivalent Circuit
Manufacture code
M0
RMG
Version:C13
Parameter
Power Dissipation
Supply Voltage
Input Voltage
Output Current
Junction and Storage Temperature Range
Symbol
PD
VCC
R2/R1
fT
II
Output Current
DC Current Gain
Input Resistance
Resistance Ratio
Input Current
Transition Frequency
Input Voltage
R1
TJ, TSTG
VI(off)
VI(on)
VO(on)
Output Voltage
Parameter
Symbol


Similar Part No. - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EM ROHM-DTA124EM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTA124EM ROHM-DTA124EM Datasheet
92Kb / 4P
   Digital transistors (built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EM ROHM-DTA124EM Datasheet
79Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA124EM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com