Electronic Components Datasheet Search |
|
D3899920WC35PB Datasheet(PDF) 10 Page - ITT Industries |
|
D3899920WC35PB Datasheet(HTML) 10 Page - ITT Industries |
10 / 17 page A-28 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A PC CONTACT EXTENSION PC CONTACT EXTENSION G (SEE NOTE 5) PIN PRINTED CIRCUIT CONTACT EXTENSION FROM REAR OF CONNECTOR (MAX / MIN) TAIL DIA. ±.001 MS27466 MS27467 KJL0 / KJL6 MS27656 MS27468 KJL3 / KJL7 MS27505E KJL5E MS27472 MS27474 KJ0 / KJ7 MS27499E MS27508E KJ2E / KJ5E MS27513E MS27497 / NO MS KJ2R / KJ3 / KJ5R MS27473 MS27484 KJ6 / KJG6 D38999/20 KJA0 D38999/26 KJA6 D38999/24 KJA7 (9-17) D38999/24 KJA7 (19-25) 030-2097-002 22D 0.020 0.261 0.189 0.244 0.176 0.408 0.376 0.264 0.226 0.408 0.376 0.264 0.226 0.264 0.226 0.262 0.200 0.266 0.194 0.280 0.216 0.258 0.198 030-2097-006 22D 0.020 0.069 N/A 0.052 N/A 0.216 0.184 0.072 0.034 0.216 0.184 0.072 0.034 0.072 0.034 0.070 0.008 0.074 0.002 0.088 0.024 0.066 0.006 030-2097-008 22D 0.020 0.216 0.144 0.199 0.131 0.363 0.331 0.219 0.181 0.363 0.331 0.219 0.181 0.219 0.181 0.217 0.155 0.221 0.149 0.235 0.171 0.213 0.153 030-2097-015 22D 0.020 0.293 0.221 0.276 0.208 0.440 0.408 0.296 0.258 0.440 0.408 0.296 0.258 0.296 0.258 0.294 0.232 0.298 0.226 0.312 0.248 0.290 0.230 030-1997-006 20 0.025 0.166 0.094 0.149 0.081 0.313 0.281 0.169 0.131 0.313 0.281 0.169 0.131 0.169 0.131 0.167 0.105 0.171 0.099 0.185 0.121 0.163 0.103 030-1997-022 20 0.025 0.281 0.209 0.264 0.196 0.428* 0.396* 0.284 0.246 0.428* 0.396* 0.284 0.246 0.284 0.246 0.282 0.220 0.286 0.214 0.300 0.236 0.278 0.218 030-1997-030 20 0.019 0.364 0.292 0.347 0.279 0.511 0.479 0.367 0.329 0.511 0.479 0.367 0.329 0.367 0.329 0.365 0.303 0.369 0.297 0.383 0.319 0.361 0.301 030-1995-023 16 0.062 0.278 0.206 0.261 0.193 0.425 0.393 0.281 0.243 0.425 0.393 0.281 0.243 0.281 0.243 0.279 0.217 0.283 0.211 0.297 0.233 0.275 0.215 030-1995-024 16 0.062 0.118 0.046 0.101 0.033 0.265 0.233 0.121 0.083 0.265 0.233 0.121 0.083 0.121 0.083 0.119 0.057 0.123 0.051 0.137 0.073 0.115 0.055 (KJL5E, KJ0/2E/2R/3/5E/5R/6/7, & KJG6) (KJL0/3/6/7 & KJA0/6/7) CONTACT SIZE PC CONTACT PART NUMBER SOCKET (SERIES II) PRINTED CIRCUIT CONTACT EXTENSION FROM REAR OF CONNECTOR (MAX / MIN) TAIL DIA. ±.001 MS27472 MS27474 KJ0 / KJ7 MS27499E MS27508E KJ2E / KJ5E MS27513E MS27497 / NO MS KJ2R / KJ3 / KJ5R MS27473 MS27484 KJ6 / KJG6 031-1186-006 22D 0.020 0.179 0.141 0.323 0.291 0.179 0.141 0.179 0.141 031-1186-011 22D 0.020 0.109 0.071 0.253 0.221 0.109 0.071 0.109 0.071 031-1186-013 22D 0.020 0.217 0.179 0.361 0.329 0.217 0.179 0.217 0.179 031-1186-021 22D 0.020 0.262 0.224 0.406 0.374 0.262 0.224 0.262 0.224 031-1124-021 20 0.025 0.247 0.209 0.391* 0.359* 0.247 0.209 0.247 0.209 031-1123-007 16 0.062 0.101 0.063 0.245 0.213 0.101 0.063 0.101 0.063 SOCKET (SERIE I & III) PRINTED CIRCUIT CONTACT EXTENSION FROM REAR OF CONNECTOR (MAX / MIN) TAIL DIA. ±.001 MS27466 MS27467 KJL0 / KJL6 MS27656 MS27468 KJL3 / KJL7 MS27505E KJL5E D38999/20 KJA0 D38999/26 KJA6 D38999/24 KJA7 (9-17) D38999/24 KJA7 (19-25) 031-1147-014 22D 0.021 0.244 0.172 0.227 0.159 0.391* 0.359* 0.245 0.183 0.249 0.177 0.263 0.199 0.241 0.181 031-1147-039 22D 0.020 0.168 0.096 0.151 0.083 0.315* 0.283* 0.169 0.107 0.173 0.101 0.187 0.123 0.165 0.105 031-1147-040 22D 0.020 0.438 0.366 0.421 0.353 0.585* 0.553* 0.439 0.377 0.443 0.371 0.457 0.393 0.435 0.375 031-1124-040 20 0.025 0.486 0.414 0.469 0.401 0.633 0.601 0.487 0.425 0.491 0.419 0.505 0.441 0.483 0.423 031-1123-020 16 0.029 0.272 0.200 0.255 0.187 0.419 0.387 0.273 0.211 0.277 0.205 0.291 0.227 0.269 0.209 NOTES: UNLESS OTHERWISE SPECIFIED. 1. PC CONTACTS HAVE GOLD PLATING OVER SUITABLE UNDERPLATE PER MIL-C-39029 SPECIFICATION. 2. PC CONTACT EXTENSIONS APPLY TO ITT CANNON CONNECTORS ONLY FOR ALL SHELL SIZES. 3. N/A INDICATES NO EXTENSION. CONTACT SIZE PC CONTACT PART NUMBER CONTACT SIZE PC CONTACT PART NUMBER 4. * INDICATES PC TAIL WITH STEP EXTENDING FROM REAR OF CONNECTOR. 5. G DIM. IS .031 +/- .016 FOR KJL5E AND .120 +/- .030 (SHELL SIZES 8 THRU 22) AND .090 +/- .050 (SHELL SIZE 24) FOR KJ0/2E/2R/3/5E/5R/6/7 & KJG6. 6. FOR OTHER SPECIFIC PC CONTACT DATA, CONSULT ITT EC, SANTA ANA, CA, USA. Contacts-Printed Circuit Board Cannon KJL/KJ/KJA/KJB MIL-DTL-38999 Series I, II, III Connectors ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 28 |
Similar Part No. - D3899920WC35PB |
|
Similar Description - D3899920WC35PB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |