Electronic Components Datasheet Search |
|
CRCW2512270KCETAP Datasheet(PDF) 1 Page - Vishay Siliconix |
|
CRCW2512270KCETAP Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor www.vishay.com For technical questions, contact: filmresistors.thickfilmchip@vishay.com Document Number: 20009 136 Revision: 13-Oct-08 D../CRCW....-P Vishay FEATURES • Low temperature coefficient (25 ppm/K) and tight tolerances (± 0.25 %) • Excellent stability ((|ΔR/R| ≤ ± 1 % for 1000 h at 70 °C) • SnPb contacts on Ni barrier layer • Metal glaze on high quality ceramic • Protective overglaze Notes • These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime. • Marking and packaging: see appropriate catalog or web pages • Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material STANDARD ELECTRICAL SPECIFICATIONS MODEL SIZE POWER RATING P70 °C W LIMITING ELEMENT VOLTAGE MAX. V ≅ TEMPERATURE COEFFICIENT ppm/K TOLERANCE % RESISTANCE RANGE Ω E-SERIES INCH METRIC D10/CRCW0402-P 0402 1005 0.063 50 ± 100 ± 0.5 10R - 1M0 24 + 96 ± 50 ± 0.25; ± 0.5; ± 1 100R - 1M0 ± 25 ± 0.5; ± 1 1K0 - 10K D11/CRCW0603-P 0603 1608 0.1 75 ± 100 ± 0.5 10R - 10M 24 + 96 ± 50 ± 0.5; ± 1 100R - 10M ± 0.25 100R - 1M0 ± 25 ± 0.25; ± 0.5; ± 1 200R - 10K D12/CRCW0805-P 0805 2012 0.125 150 ± 100 ± 0.5 10R - 10M 24 + 96 ± 50 ± 0.5; ± 1 100R - 10M ± 0.25 100R - 1M0 ± 25 ± 0.25; ± 0.5; ± 1 150R - 10K D25/CRCW1206-P 1206 3216 0.25 200 ± 100 ± 0.5 10R - 10M 24 + 96 ± 50 ± 0.5; ± 1 100R - 10M ± 0.25 100R - 1M0 ± 25 ± 0.25; ± 0.5; ± 1 150R - 10K CRCW1210-P 1210 3225 0.33 200 ± 100 ± 0.5 100R - 1M0 24 + 96 ± 50 ± 0.5; ± 1 CRCW1218-P 1218 3246 1.0 200 ± 100 ± 0.5 100R - 2M2 24 + 96 ± 50 ± 0.5; ± 1 CRCW2010-P 2010 5025 0.5 400 ± 100 ± 0.5 10R - 10M 24 + 96 ± 50 ± 0.5; ± 1 100R - 10M CRCW2512-P 2512 6332 1.0 500 ± 100 ± 0.5 10R - 10M 24 + 96 ± 50 ± 0.5; ± 1 100R - 10M |
Similar Part No. - CRCW2512270KCETAP |
|
Similar Description - CRCW2512270KCETAP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |