Electronic Components Datasheet Search |
|
DBMC13C3PJK87 Datasheet(PDF) 7 Page - ITT Industries |
|
DBMC13C3PJK87 Datasheet(HTML) 7 Page - ITT Industries |
7 / 103 page 7 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Cannon Combo D® Ordering Information Designator Selection For Crimp, Solder Cup and PCB Type Combo-D’s Typical Part Number: DBM C 13C3 S J A197 Product Family Designator D*M = Solder Cup Industrial & Space/Non-Magnetic Version D*MM = Military/Hi-Rel Solder Cupp version (50 micro-inch gold contact plating) D*A = Crimp Version **Hardware Modifier = 0.120” (3,05mm) Through Hole C= 90° Metal Bracket, 4-40 Fastener, & Boardlock D= 90° Metal Bracket, 4-40 Fastener and 4-40 Screwlock E= 4-40 Clinchnut G= 90° Metal Bracket, 4-40 Fastener, 4-40 Screwlock, Boardlock H= .300” (7.6mm) Standoff, 4-40 Screwlock J= 90° Metal Bracket, Fastener, M-3 Fastener, Boardlock K= 0.162” (4,11mm) Through Hole L= 90° Metal Bracket, M-3 Fastener, Boardlock N= .300” (7.6mm) Standoff, 4-40 Screwlock, Boardlock O= 90° Metal Bracket, Fastener, M-3 Screwlock P= 90° Metal Bracket, 4-40 Fastener Q= .300” (7.6mm) M-3 Standoff S= 90° Metal Bracket, M-3 Fastener T= .300” (7.6mm) M-3 Standoff U= .300” (7.6mm) Standoff, M-3 Screwlock, Boardlock V= .300” (7.6mm) 4-40 Standoff W= .300” (7.6mm) Standoff, M-3 Screwlock X= M-3 Clinchnut Y= Dual Float Mount Z= .300” (7.6mm) 4-40 Standoff, Boardlock *= Shell Sizes are E, A, B, C, D **= Hardware Modifier not allowed with Non-Magnetic, Low Outgassing Combo-D Shell Modifier (Standard) = Carbon steel, yellow chromate over zinc A197 = Carbon steel, tin-nickel plating (receptacles only) (RoHS) K87 = Carbon steel, tin-nickel plating (plugs only) (RoHS) F225 = Stainless steel shells NMBK52 = Space/Non-Magnetic version, gold plated A101 = Carbon Steel, Cadmium plating PC Tall Modifier (Standard) = Solder cup (D*M/D*MM; Crimp, D*A) J= 90° Std. PCB signal contact (.170” lg by .030” ) N= Straight Std. PCB signal contact (.178 lg by .030 ) V= 90° Euro PCB signal contact (.157” lg by .024 ) Y= Straight Euro PCB signal contact (.178” lb by .024” ) Gender P= Male Plug, Pin S= Female Receptacle, Socket Layouts Combo-D E- 5W1, 2W2, 2WK2 A- 3W3, 3WK3, 7W2, 11W1 B- 5W5, 9W4, 13W3, 17W2, 21W1 C- 8W8, 13W6, 17W5, 21WA4, 25W3, 27W2 D- 24W7, 36W4, 43W2, 47W1 Combo-D Size 8 Contact Designators: W**= w/o Contacts (letters below denote with contacts) C= 75 Ohm Coax Contacts Installed X= 50 Ohm Coax Contacts Installed H= High Power Installed (US Standard) P= High Power Installed (European) V= High Voltage Installed (Cable and PCB only) R= Mini Hi Power 90° installed ** All cable side connectors use the “W” designation (without contacts) for ordering and have size and contacts ordered sepa- rately |
Similar Part No. - DBMC13C3PJK87 |
|
Similar Description - DBMC13C3PJK87 |