Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3102A18-8P Datasheet(PDF) 33 Page - ITT Industries

Part # CA3102A18-8P
Description  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102A18-8P Datasheet(HTML) 33 Page - ITT Industries

Back Button CA3102A18-8P Datasheet HTML 26Page - ITT Industries CA3102A18-8P Datasheet HTML 27Page - ITT Industries CA3102A18-8P Datasheet HTML 28Page - ITT Industries CA3102A18-8P Datasheet HTML 29Page - ITT Industries CA3102A18-8P Datasheet HTML 30Page - ITT Industries CA3102A18-8P Datasheet HTML 31Page - ITT Industries CA3102A18-8P Datasheet HTML 32Page - ITT Industries CA3102A18-8P Datasheet HTML 33Page - ITT Industries CA3102A18-8P Datasheet HTML 34Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
A-104
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MIL-DTL-5015 Connectors
Accessories
Plastic Protective Caps
Protective dust caps are designed to cover the
coupling and conduit ends of MS connectors
where there is a possibility of foreign matter
accumulating on the interior of the connector or
of damage to the threaded parts. Material is red
polyethylene. Plastic dust caps can be reused, but
are not intended to replace the standard
aluminum dust caps shown in preceding pages.
MS3106/MS3108
MS3100F,R
MS3102F,R
MS-F (only)
F,R
Part
Coupling
Solder
Coupling
Solder
Solder
Coupling
Solder
Number
End
Pot End
End
Pot End
Pot End
End
Pot End
)
1
9
.
1
1
(
9
6
4
.
S
8
S
8
0
0
0
-
8
5
4
0
-
5
2
0
025-0459-000
8S
8S, 10S
8S
8S, 10S
025-0460-000
10S, 10SL
10SL, 12S, 12
10S, 10SL
10SL, 12S, 12
025-0462-000
12S, 12
14S, 14
12S, 12
14S, 14
025-0463-000
14S, 14
16S, 16
14S, 14
16S, 16
8
1
0
0
0
-
6
6
4
0
-
5
2
0
0
2
0
0
0
-
7
6
4
0
-
5
2
0
2
2
0
2
0
2
0
0
0
-
8
6
4
0
-
5
2
0
4
2
2
2
2
2
0
0
0
-
9
6
4
0
-
5
2
0
8
2
0
0
0
-
0
7
4
0
-
5
2
0
2
3
0
0
0
-
1
7
4
0
-
5
2
0
6
3
0
0
0
-
2
7
4
0
-
5
2
0
0
4
0
0
0
-
3
7
4
0
-
5
2
0
4
4
0
0
0
-
4
7
4
0
-
5
2
0
8
4
0
0
0
-
5
7
4
0
-
5
2
0
025-0477-000
10S, 10SL
025-0478-000
12S, 12
025-0479-000
14S, 14
025-0480-000
16S, 16
025-0484-000
18
025-0486-000
22
025-0487-000
24
025-0488-000
28
025-0489-000
32
025-0490-000
36
025-0491-000
40
025-0492-000
44
025-0493-000
48
8
1
8
4
6
1
,
S
6
1
8
1
6
1
,
S
6
1
0
0
0
-
8
9
4
0
-
5
2
0
2
2
,
0
2
2
2
6
3
2
2
,
0
2
0
0
0
-
9
9
4
0
-
5
2
0
8
2
,
4
2
0
4
4
2
,
4
2
0
0
0
-
0
0
5
0
-
5
2
0
2
3
4
4
8
2
2
3
8
2
0
0
0
-
1
0
5
0
-
5
2
0
6
3
2
3
2
3
6
3
2
3
0
0
0
-
2
0
5
0
-
5
2
0
0
4
8
2
,
4
2
6
3
0
4
6
3
0
0
0
-
3
0
5
0
-
5
2
0
4
4
2
2
,
0
2
0
4
4
4
0
4
0
0
0
-
4
0
5
0
-
5
2
0
8
4
8
1
8
4
8
4
0
0
0
-
5
0
5
0
-
5
2
0
0
2
8
1
8
1
0
0
0
-
7
0
5
0
-
5
2
0
4
2
4
2
0
0
0
-
0
1
5
0
-
5
2
0
025-0511-000
44
48
44
S
8
0
0
0
-
8
0
6
0
-
5
2
0
2
1
,
S
2
1
,
L
S
0
1
0
0
0
-
9
0
6
0
-
5
2
0
4
1
,
S
4
1
0
0
0
-
0
1
6
0
-
5
2
0
6
1
,
S
6
1
0
0
0
-
1
1
6
0
-
5
2
0
8
2
0
0
0
-
2
1
6
0
-
5
2
0
2
3
0
0
0
-
3
1
6
0
-
5
2
0
6
3
0
0
0
-
4
1
6
0
-
5
2
0
A
Max.
.673
.734
.848
.973
1.098
1.209
1.396
1.500
1.625
1.870
2.120
2.370
2.501
2.872
3.122
.802
.911
1.036
1.161
1.290
1.540
1.665
1.907
2.157
2.412
2.672
2.922
3.172
1.240
1.427
1.677
1.985
2.245
2.495
2.742
3.257
1.365
1.740
3.007
.643
.829
.954
1.079
1.839
2.089
2.376
B
Max.
.440
.440
.700
.700
.700
.700
.700
.700
.700
.700
.700
.700
.700
.700
.700
.491
.571
.571
.571
.576
.576
.576
.576
.576
.576
.576
.576
.576
.700
.700
.700
.700
.700
.700
.700
.700
.700
.700
.700
.440
.700
.700
.700
.700
.700
.700
C
Max.
.430
.490
.600
.730
.850
.950
1.150
1.240
1.360
1.610
1.860
2.110
2.310
2.590
2.840
.550
.669
.794
.919
1.028
1.278
1.403
1.645
1.895
2.140
2.390
2.640
2.890
.990
1.117
1.420
1.730
1.980
2.230
2.480
2.980
1.110
1.490
2.730
.400
.580
.710
.830
1.570
1.820
2.010
D
Max.
.486
.546
.656
.786
.908
1.016
1.216
1.306
1.426
1.676
1.926
2.176
2.380
2.660
2.910
.616
.725
.850
.975
1.094
1.344
1.469
1.711
1.961
2.216
2.466
2.716
2.966
1.056
1.183
1.486
1.796
2.046
2.296
2.546
3.046
1.176
1.556
2.796
.456
.636
.766
.886
1.626
1.876
2.066
E
Max.
.583
.644
.758
.883
1.008
1.119
1.308
1.405
1.530
1.775
2.025
2.275
2.491
2.772
30.22
.712
.821
.946
1.071
1.195
1.445
1.570
1.812
2.062
2.317
2.572
2.822
3.072
1.150
1.337
1.587
1.895
2.155
2.400
2.652
3.157
1.275
1.650
2.907
.553
.739
.864
.989
1.744
1.994
2.231
Wt.
Lb.
.0012
.0014
.0022
.0028
.0033
.0042
.0054
.0060
.0067
.0087
.0103
.0141
.0164
.0186
.0222
.0017
.0022
.0027
.0033
.0044
.0058
.0066
.0084
.0102
.0132
.0163
.0186
.0213
.0044
.0055
.0072
.0095
.0114
.0134
.0186
.0233
.0050
.0077
.0220
.0011
.0021
.0028
.0032
.0088
.0100
.0132
Dimensions
025-XXXX-000
A
B
CD
E
.06
.13
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 104


Similar Part No. - CA3102A18-8P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3102A18-8P ITT-CA3102A18-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3102A18-8P ITT-CA3102A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CA3102A18-8P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com