Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4816P-2-103DLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 4816P-2-103DLF
Description  Thick Film Surface Mounted Medium Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4816P-2-103DLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  4816P-2-103DLF Datasheet HTML 1Page - Bourns Electronic Solutions 4816P-2-103DLF Datasheet HTML 2Page - Bourns Electronic Solutions 4816P-2-103DLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Surface Mounted Ordering Guide
Electrical
Configuration
*Circuit Codes
Examples
Tape & Reel
Tubes
Isolated
1
T01
4816P-1-101
Bussed
2
T02
Isolated Circuit in Tape & Reel Package
Dual Terminated
3
T03
4816P-T01-101
Adj. Isolated
4
T04
Isolated Circuit in Slide Tube Package
*4816P-X-RC: To specify package type, replace “X” with appropriate “Circuit Code”.
POLYSTYRENE REEL
(ANTI-STATIC)
T
NOTE: DIMENSIONS NOT SPECIFIED ARE PER EIA RS-481-2.
DIMENSIONS:
F
W
4.0 ± .10
(.157 ± .004)
CARRIER TAPE
STATIC DISSIPATIVE
V
COVER TAPE
(ANTISTATIC)
12.0 ± .10
(.472 ± .004)
DIRECTION
OF FEED
MIN.
1.5
(.059)
MIN.
20.2
(.795)
MAX.
330.2
(13.0)
13.0 ± .20
(.512 ± .008)
DIA.
1.5 + .10/ - .00
(.059 + .004/ - .00)
1.5
(.059)
MIN. DIA.
MM
(IN)
Model
Standard Quantity
per Reel
Carrier Tape Width
(W)
Cover Tape Width
(W)
Reel Width
(T)
Pocket Center
(F)
4814P
2,000
24.0 ± .30
(.945 ± .012)
21.0
(.827)
NOM.
30.4
(1.197)
MAX.
11.5 ± .10
(.453 ± .004)
4816P
4818P
4820P
Leader Length = 500 min.
} Empty Component Pockets
Trailer Length = 500 mm min.
Sealed with Cover Tape


Similar Part No. - 4816P-2-103DLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4816P-2-103DLF BOURNS-4816P-2-103DLF Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
More results

Similar Description - 4816P-2-103DLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4800P BOURNS-4800P Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
4816P-1-221 BOURNS-4816P-1-221 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T02-102LF BOURNS-4816P-T02-102LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-104LF BOURNS-4816P-T01-104LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-220 BOURNS-4816P-T01-220 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222 BOURNS-4816P-2-222 Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-472LF BOURNS-4816P-T01-472LF Datasheet
374Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-100LF BOURNS-4816P-1-100LF Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222LF BOURNS-4816P-2-222LF Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-102LF BOURNS-4816P-1-102LF Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com