Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C256-12JI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT29C256-12JI
Description  256K 32K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C256-12JI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT29C256-12JI Datasheet HTML 1Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 2Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 3Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 4Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 5Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 6Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 7Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 8Page - ATMEL Corporation AT29C256-12JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AT29C256
0046P–FLASH–10/04
To allow for simple in-system reprogrammability, the AT29C256 does not require high
input voltages for programming. Five-volt-only commands determine the operation of
the device. Reading data out of the device is similar to reading from a static RAM.
Reprogramming the AT29C256 is performed on a page basis; 64 bytes of data are
loaded into the device and then simultaneously programmed. The contents of the entire
device may be erased by using a six-byte software code (although erasure before pro-
gramming is not needed).
During a reprogram cycle, the address locations and 64 bytes of data are internally
latched, freeing the address and data bus for other operations. Following the initiation of
a program cycle, the device will automatically erase the page and then program the
latched data using an internal control timer. The end of a program cycle can be detected
by DATA polling of I/O7. Once the end of a program cycle has been detected a new
access for a read, program or chip erase can begin.
Block Diagram
Device Operation
READ:
The AT29C256 is accessed like a static RAM. When CE and OE are low and
WE is high, the data stored at the memory location determined by the address pins
is asserted on the outputs. The outputs are put in the high impedance state whenever
CE or OE is high. This dual-line control gives designers flexibility in preventing bus
contention.
BYTE LOAD:
A byte load is performed by applying a low pulse on the WE or CE input
with CE or WE low (respectively) and OE high. The address is latched on the falling
edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of
CE or WE. Byte loads are used to enter the 64 bytes of a page to be programmed or the
software codes for data protection and chip erasure.


Similar Part No. - AT29C256-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C256-12JI ATMEL-AT29C256-12JI Datasheet
343Kb / 17P
   256K (32K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C256-12JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C257 ATMEL-AT29C257 Datasheet
562Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
343Kb / 17P
   256K (32K x 8) 5-volt Only Flash Memory
AT29LV256 ATMEL-AT29LV256 Datasheet
449Kb / 10P
   256K 32K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com