Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C1024-15TI Datasheet(PDF) 7 Page - ATMEL Corporation

Part No. AT29C1024-15TI
Description  1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C1024-15TI Datasheet(HTML) 7 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Program Cycle Characteristics
Symbol
Parameter
Min
Max
Units
tWC
Write Cycle Time
10
ms
tAS
Address Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
70
ns
tWLC
Word Load Cycle Time
150
µs
tWPH
Write Pulse Width High
100
ns
Program Cycle Waveforms
(1, 2, 3)
Notes: 1. A7 through A15 must specify the sector address
during each high to low transition of WE (or CE).
2. OE must be high when WE and CE are both low.
3. All words that are not loaded within the sector being
programmed will be indeterminate.
AT29C1024
4-147


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn