Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C1024-15TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT29C1024-15TI
Description  1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C1024-15TI Datasheet(HTML) 1 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AT29C1024
1 Megabit
(64K x 16)
5-volt Only
CMOS Flash
Memory
Features
Fast Read Access Time - 70 ns
5-Volt-Only Reprogramming
Sector Program Operation
Single Cycle Reprogram (Erase and Program)
512 Sectors (128 words/sector)
Internal Address and Data Latches for 128 Words
Internal Program Control and Timer
Hardware and Software Data Protection
Fast Sector Program Cycle Time - 10 ms
DATA Polling for End of Program Detection
Low Power Dissipation
60 mA Active Current
200
µA CMOS Standby Current
Typical Endurance > 10,000 Cycles
Single 5V ±10% Supply
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29C1024 is a 5-volt-only in-system Flash programmable and erasable read
only memory (PEROM). Its 1 megabit of memory is organized as 65,536 words by 16
bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 70 ns with power dissipation of just 330 mW. When the device
is deselected, the CMOS standby current is less than 200
µA. The device endurance
is such that any sector can typically be written to in excess of 10,000 times.
(continued)
TSOP Top View
Type 1
PLCC Top View
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O15
Data
Inputs/Outputs
NC
No Connect
DC
Don’t Connect
0571A
AT29C1024
4-141


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn