Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT27C512R-55 Datasheet(PDF) 8 Page - ATMEL Corporation

Part No. AT27C512R-55
Description  512K 64K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT27C512R-55 Datasheet(HTML) 8 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
0015O–EPROM–12/07
AT27C512R
Notes:
1. V
CC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer
driven – see timing diagram.
3. Program Pulse width tolerance is 100 µsec ± 5%.
16. AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
tAS
Address Setup Time
Input Rise and Fall Times
(10% to 90%) 20 ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
2µs
t
OES
OE/V
PP Setup Time
2
µs
tOEH
OE/VPP Hold Time
2
µs
tDS
Data Setup Time
2
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
CE High to Output Float Delay(2)
0130
ns
t
VCS
V
CC Setup Time
2
µs
tPW
CE Program Pulse Width(3)
95
105
µs
tDV
Data Valid from CE(2)
1µs
t
VR
OE/V
PP Recovery Time
2
µs
t
PRT
OE/VPP Pulse Rise Time During
Programming
50
ns
17. Atmel’s AT27C512R Integrated Product Identification Code
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
00
001
11
10
1E
Device Type
10
000
11
01
0D


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn