Electronic Components Datasheet Search |
|
RP73F2A100KATG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RP73F2A100KATG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page Key Features n High precision - tolerances down to 0.05% n Low TCR - down to 5ppm/°C n Stable high frequency performance n Operating temperature -55°C to +155°C n Increased power rating - up to 1.0W n Up to 200V DC operating voltage n Range of packaging options n Terminal finish - electroplated 100% matte Sn Applications n Communications n Instrumentation n Industrial Controls n Medical Characteristics - Electrical - RP73 Series - Standard The RP73 resistor series is a stable thin film chip resistor range offering increased power dissipation, higher temperature capabilities and increased working voltages compared to the standard RN73 series. The resistor is produced by sputtering a metal film onto high grade alumina and protecting with three complete printed layers. Values are normally offered in E96 and E24 series. The RP73 resistor has accurate and uniform physical dimensions to reduce placement problems. 0402 0603 Rated Power @ 70°C: 0.063W 0.1W Resistance Range (Ohms) Min: 49R9 49R9 49R9 49R9 49R9 49R9 10R 49R9 49R9 10R 24R9 4R7 24R9 4R7 4R7 24R9 4R7 4R7 Max: 5K0 15K 100K 5K0 15K 70K 255K 5K0 15K 255K 15K 332K 15K 332K 1M0 15K 332K 1M0 Tolerance (%): 0.05 0.1 0.5 / 1 0.05 0.1 0.5 / 1 Code Letter: AB D / F AB D / F Selection Series: E24 & E96 E24 & E96 Temp. Coefficient (ppm/°C): 5 10 15 25 50 5 10 15 25 50 5 10 15 25 50 5 10 15 2550 5 10 15 25 50 5 1015 25 50 Code Letter: AC D F G A C D F G A C D F G A C D F G A C D F G A C D F G Limiting Element Voltage: 25V 75V Max. Overload Voltage: 50V 150V Operating Temp. Range: -55 to +155°C -55 to +155°C Climatic Category (°C): 55/125/55 55/125/55 Insulation Resistance Dry Min: 1000MΩ 1000MΩ Stability: 0.5% 0.5% 0805 1206 Rated Power @ 70°C: 0.125W 0.25W Resistance Range (Ohms) Min: 24R9 4R7 24R9 4R7 4R7 24R9 4R7 4R7 1R0 24R9 4R7 Max: 30K 511K 30K 511K 1M0 30K 511K 1M0 1M0 50K 1M0 Tolerance (%): 0.05 0.1 0.5 / 1 0.05 / 0.1 / 0.5 / 1 Code letter: AB D / F A / B / D / F Selection Series: E24 & E96 E24 & E96 Temp. Coefficient (ppm/°C): 5 10 15 25 50 5 10 15 25 50 5 10 15 25 50 5 10 15 25 50 Code Letter: AC D F G A C D F G A C D F G A C D F G Limiting Element Voltage: 150V 200V Max. Overload Voltage: 300V 400V Operating Temp. Range: -55 to +155°C -55 to +155°C Climatic Category (°C): 55/125/55 55/125/55 Insulation Resistance Dry Min: 1000MΩ 1000MΩ Stability: 0.5% 0.5% SMD High Power Precision Resistors Type RP73 Series 1773272 CIS WR 04/2012 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. |
Similar Part No. - RP73F2A100KATG |
|
Similar Description - RP73F2A100KATG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |