Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C256-12JC Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. AT29C256-12JC
Description  256K 32K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C256-12JC Datasheet(HTML) 3 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AT29C256
0046P–FLASH–10/04
PROGRAM:
The device is reprogrammed on a page basis. If a byte of data within a
page is to be changed, data for the entire page must be loaded into the device. Any byte
that is not loaded during the programming of its page will be indeterminate. Once the
bytes of a page are loaded into the device, they are simultaneously programmed during
the internal programming period. After the first data byte has been loaded into the
device, successive bytes are entered in the same manner. Each new byte to be pro-
grammed must have its high-to-low transition on WE (or CE) within 150 µs of the low-to-
high transition of WE (or CE) of the preceding byte. If a high-to-low transition is not
detected within 150 µs of the last low-to-high transition, the load period will end and the
internal programming period will start. A6 to A14 specify the page address. The page
address must be valid during each high-to-low transition of WE (or CE). A0 to A5 specify
the byte address within the page. The bytes may be loaded in any order; sequential
loading is not required. Once a programming operation has been initiated, and for the
duration of t
WC, a read operation will effectively be a polling operation.
SOFTWARE DATA PROTECTION:
A software controlled data protection feature is
available on the AT29C256. Once the software protection is enabled a software algo-
rithm must be issued to the device before a program may be performed. The software
protection feature may be enabled or disabled by the user; when shipped from Atmel,
the software data protection feature is disabled. To enable the software data protection,
a series of three program commands to specific addresses with specific data must be
performed. After the software data protection is enabled the same three program com-
mands must begin each program cycle in order for the programs to occur. All software
program commands must obey the page program timing specifications. Once set, the
software data protection feature remains active unless its disable command is issued.
Power transitions will not reset the software data protection feature, however the soft-
ware feature will guard against inadvertent program cycles during power transitions.
Once set, software data protection will remain active unless the disable command
sequence is issued.
After setting SDP, any attempt to write to the device without the three-byte command
sequence will start the internal write timers. No data will be written to the device; how-
ever, for the duration of tWC, a read operation will effectively be a polling operation.
After the software data protection’s three-byte command code is given, a byte load is
performed by applying a low pulse on the WE or CE input with CE or WE low (respec-
tively) and OE high. The address is latched on the falling edge of CE or WE, whichever
occurs last. The data is latched by the first rising edge of CE or WE. The 64 bytes of
data must be loaded into each sector by the same procedure as outlined in the program
section under device operation.
HARDWARE DATA PROTECTION:
Hardware features protect against inadvertent
programs to the AT29C256 in the following ways: (a) VCC sense – if VCC is below 3.8V
(typical), the program function is inhibited; (b) VCC power on delay – once VCC has
reached the VCC sense level, the device will automatically time out 5 ms (typical) before
programming; (c) Program inhibit – holding any one of OE low, CE high or WE high
inhibits program cycles; and (d) Noise filter – pulses of less than 15 ns (typical) on the
WE or CE inputs will not initiate a program cycle.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn