Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C256-12JC Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. AT29C256-12JC
Description  256K 32K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C256-12JC Datasheet(HTML) 2 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AT29C256
0046P–FLASH–10/04
To allow for simple in-system reprogrammability, the AT29C256 does not require high
input voltages for programming. Five-volt-only commands determine the operation of
the device. Reading data out of the device is similar to reading from a static RAM.
Reprogramming the AT29C256 is performed on a page basis; 64 bytes of data are
loaded into the device and then simultaneously programmed. The contents of the entire
device may be erased by using a six-byte software code (although erasure before pro-
gramming is not needed).
During a reprogram cycle, the address locations and 64 bytes of data are internally
latched, freeing the address and data bus for other operations. Following the initiation of
a program cycle, the device will automatically erase the page and then program the
latched data using an internal control timer. The end of a program cycle can be detected
by DATA polling of I/O7. Once the end of a program cycle has been detected a new
access for a read, program or chip erase can begin.
Block Diagram
Device Operation
READ:
The AT29C256 is accessed like a static RAM. When CE and OE are low and
WE is high, the data stored at the memory location determined by the address pins
is asserted on the outputs. The outputs are put in the high impedance state whenever
CE or OE is high. This dual-line control gives designers flexibility in preventing bus
contention.
BYTE LOAD:
A byte load is performed by applying a low pulse on the WE or CE input
with CE or WE low (respectively) and OE high. The address is latched on the falling
edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of
CE or WE. Byte loads are used to enter the 64 bytes of a page to be programmed or the
software codes for data protection and chip erasure.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn