Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43101 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT43101
Description  PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43101 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT43101 Datasheet HTML 2Page - ATMEL Corporation AT43101 Datasheet HTML 3Page - ATMEL Corporation AT43101 Datasheet HTML 4Page - ATMEL Corporation AT43101 Datasheet HTML 5Page - ATMEL Corporation AT43101 Datasheet HTML 6Page - ATMEL Corporation AT43101 Datasheet HTML 7Page - ATMEL Corporation AT43101 Datasheet HTML 8Page - ATMEL Corporation AT43101 Datasheet HTML 9Page - ATMEL Corporation AT43101 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADDRESS
BUFFER
A[24:9]
IA[24:9]
SGL/DBL* LOGIC
ONE OF
EIGHT
DECODER
BYTE WRITE
CONTROL LOGIC
BYTE READ
CONTROL LOGIC
ICE7*
ICE6*
ICE5*
ICE4*
ICE3*
ICE2*
ICE1*
ICE0*
IWEH*
IWEL*
IOEH*
IOEL*
SGL/DBL*
DEC[2:0]
SEL[1:0]
REG*
EN
EN
EN
DEC
3
CE1*
CE2*
IWP*
WP
WE*
OE*
A0
Reset
Block Diagram for Mode B Operation
The AT43101 supports both Common and Attribute
Memory read and write cycles of word and byte width.
Common memory, the external memory devices on the PC
card, is selected when REG* is high and can be accessed
in either byte or word mode. Attribute memory, the internal
256x8 E2PROM, is selected when REG* is low and can
only be accessed as the even byte of it’s 512 byte address
space. Byte/word addressing is controlled by CE1*, CE2*
and A0. OE* functions as an active low output enable.
WE* functions as an active low write enable.
Memory access functionality is defined by the following
table. When Attribute Memory is selected by the assertion
of REG*, only the lower data bus, D[7:0] is valid and only
even numbered addresses may be accessed. Accord-
ingly, an entry of “H or L” in the REG* of the function table
means the access is supported for both Common Memory
and Attribute Memory. An entry of “H only” means the ac-
cess is supported for Common Memory accesses but not
for Attribute Memory accesses.
During word accesses of Common Memory, D[15:0] and
ID[15:0] are active. During byte accesses (other than Odd
Byte Only accesses), the PCMCIA transfers take place on
D[7:0] and the AT43101 performs the required byte lane
swapping based on A0 to and from D[15:8] or D[7:0]
6
AT43101


Similar Part No. - AT43101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC2-AT431 Datasheet
3Mb / 33P
   Accessories Hardware
AT431 ETC-AT431 Datasheet
3Mb / 34P
   Accessories Hardware
logo
Aimtron Technology
AT431-GRE AIMTRON-AT431-GRE Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - AT43101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
773Kb / 14P
   10 Bytes of EEPROM User Memory
Rev 1; 11/13
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T Datasheet
290Kb / 8P
   16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
logo
Hitachi Semiconductor
HD63487 HITACHI-HD63487 Datasheet
1Mb / 29P
   MEMORY INTERFACE AND VIDEO ATTRIBUTE CONTROLLER (MIVAC)
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T_14 Datasheet
104Kb / 12P
   Ideal Rewritable Attribute Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
ATMEL Corporation
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
   20K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
   20K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com