Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43101 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43101
Description  PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43101 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43101 Datasheet HTML 1Page - ATMEL Corporation AT43101 Datasheet HTML 2Page - ATMEL Corporation AT43101 Datasheet HTML 3Page - ATMEL Corporation AT43101 Datasheet HTML 4Page - ATMEL Corporation AT43101 Datasheet HTML 5Page - ATMEL Corporation AT43101 Datasheet HTML 6Page - ATMEL Corporation AT43101 Datasheet HTML 7Page - ATMEL Corporation AT43101 Datasheet HTML 8Page - ATMEL Corporation AT43101 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
INTERNAL DATA BUS: ID[15:0]
AT43101"A"
MEMORY DEVICE
D[15:0]
MEMORY DEVICE
MEMORY DEVICE
MEMORY DEVICE
MEMORY DEVICE
MEMORY DEVICE
OE*
CE* WE*
AT43101"B"
DATA
DATA
DATA
DATA
DATA
DATA
A[8:0]
A[24:9]
ICE[7:0]*
IWEH*
IOEH*
OE*
CE* WE*
OE*
CE* WE*
OE*
CE* WE*
OE*
CE* WE*
OE*
CE* WE*
IOEL*
IWEL*
WP
IWP*
WE*
REG*
A0
CE1*
OE*
WE*
CE2*
R/B*
IR*
REG*
IA[24:9]
IA[8:1]
DEC[2:0]
SEL[1:0]
SGL/DBL*
RESET
RESET
OE*
CE1*
CE2*
WPATT
IR/B*
System Block Diagram
Operation
The AT43101 is used in pairs to implement PCMCIA
Release 2.1 compatible memory cards as shown in the sys-
tem block diagram and in the internal chip block diagrams.
Both PCMCIA signals and memory devices connect directly
to the AT43101 with no additional components required. The
AT43101 acts as a data and address buffer and address and
control signal decoder for both an external memory array and
an internal 256x8 E2PROM which contains the Card Infor-
mation Structure.
The memory card is mapped into the Common Memory Ad-
dress Space of PCMCIA according to the address signals
connected to the DEC[2:0], SEL[1:0], and SGL/DBL* inputs.
In a typical configuration, SGL/DBL* and SEL[1:0] are tied
high or left floating since they are pulled up internally. Then
DEC[2:0] function as direct inputs to the address/chip enable
decoder.
For example, A[25:23] are connected to DEC[2:0] and
IA[22:1] are connected to A[21:0] of sixteen 4 Mbyte devices.
Note that A0 is used in conjunction with CE1* and CE2* to
decode the data access and is not used as a common
memory address. A[25:23] then determine which ICE[7:0]
line is active.
Mixed memory size applications can use SGL/DBL* pulled
low to enable a mixed mode decoding. This then enables
either DEC[2:0] or SEL[1:0] as inputs to the address/chip
enable decoder based on the state of SEL[1:0].
For example, the common memory space contains eight
1 Mbyte SRAM devices and six 4 Mbyte Flash devices.
A[22:21] are connected to DEC[1:0] (DEC[2] is a don’t care)
and A[24:23] are connected to SEL[1:0]. Then IA[22:1] are
used to connect to A[19:0] of the SRAM and A[21:0] of the
Flash devices. ICE[3:0]* are connected to the four SRAM
banks and ICE[7:5] to the three Flash banks. The SRAM is
then memory mapped to the lower 4 M words of addressing
and the Flash to the next 12 M words. All addressing is con-
tiguous. Notice that ICE4* can not be used with this decoding
scheme.
4
AT43101


Similar Part No. - AT43101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC2-AT431 Datasheet
3Mb / 33P
   Accessories Hardware
AT431 ETC-AT431 Datasheet
3Mb / 34P
   Accessories Hardware
logo
Aimtron Technology
AT431-GRE AIMTRON-AT431-GRE Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - AT43101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
773Kb / 14P
   10 Bytes of EEPROM User Memory
Rev 1; 11/13
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T Datasheet
290Kb / 8P
   16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
logo
Hitachi Semiconductor
HD63487 HITACHI-HD63487 Datasheet
1Mb / 29P
   MEMORY INTERFACE AND VIDEO ATTRIBUTE CONTROLLER (MIVAC)
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T_14 Datasheet
104Kb / 12P
   Ideal Rewritable Attribute Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
ATMEL Corporation
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
   20K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
   20K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com