Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29LV512 Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT29LV512
Description  512K 64K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV512 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT29LV512 Datasheet HTML 1Page - ATMEL Corporation AT29LV512 Datasheet HTML 2Page - ATMEL Corporation AT29LV512 Datasheet HTML 3Page - ATMEL Corporation AT29LV512 Datasheet HTML 4Page - ATMEL Corporation AT29LV512 Datasheet HTML 5Page - ATMEL Corporation AT29LV512 Datasheet HTML 6Page - ATMEL Corporation AT29LV512 Datasheet HTML 7Page - ATMEL Corporation AT29LV512 Datasheet HTML 8Page - ATMEL Corporation AT29LV512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program (2)
VIL
VIH
VIL
Ai
DIN
Standby/Write Inhibit
VIH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A15 = VIL, A9 = VH
(3),
A0 = VIL
Manufacturer Code (4)
A1 - A15 = VIL, A9 = VH
(3),
A0 = VIH
Device Code (4)
Software (5)
A0 = VIL
Manufacturer Code (4)
A0 = VIH
Device Code (4)
4. Manufacturer Code: 1F, Device Code: 3D.
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
1
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
20
µA
Ind.
50
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
1mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA; VCC = 3.6V
15
mA
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 3.0V
.45
V
VOH
Output High Voltage
IOH = -100
µA; VCC = 3.0V
2.4
V
DC and AC Operating Range
AT29LV512-15
AT29LV512-20
AT29LV512-25
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
(1)
3.3V
± 0.3V
3.3V
± 0.3V
3.3V
± 0.3V
1. After power is applied and VCC is at the minimum specified data sheet value, the system should wait 20 ms before an operational
mode is started.
4-46
AT29LV512


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn