Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29LV512 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT29LV512
Description  512K 64K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29LV512 Datasheet(HTML) 1 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT29LV512
512K (64K x 8)
3-volt Only
CMOS Flash
Memory
Features
Single Supply Voltage, Range 3V to 3.6V
3-Volt-Only Read and Write Operation
Software Protected Programming
Low Power Dissipation
15 mA Active Current
20
µA CMOS Standby Current
Fast Read Access Time - 200 ns
Sector Program Operation
Single Cycle Reprogram (Erase and Program)
512 Sectors (128 bytes/sector)
Internal Address and Data Latches for 128-Bytes
Fast Sector Program Cycle Time - 20 ms Max.
Internal Program Control and Timer
DATA Polling for End of Program Detection
Typical Endurance > 10,000 Cycles
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29LV512 is a 3-volt-only in-system Flash programmable erasable read only
memory (PEROM). Its 512K of memory is organized as 65,536 words by 8 bits. Manu-
factured with Atmel’s advanced nonvolatile CMOS technology, the device offers ac-
cess times to 200 ns with power dissipation of just 54 mW over the commercial tem-
perature range. When the device is deselected, the CMOS standby current is less
than 20
µA. The device endurance is such that any sector can typically be written to
in excess of 10,000 times.
(continued)
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
TSOP Top View
Type 1
PLCC Top View
0177I
AT29LV512
4-43


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn