Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C1024-12TC Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT29C1024-12TC
Description  1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C1024-12TC Datasheet(HTML) 12 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
60
0.1
AT29C1024-70JC
44J
Commercial
AT29C1024-70TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-70JI
44J
Industrial
AT29C1024-70TI
48T
(-40
° to 85°C)
90
60
0.1
AT29C1024-90JC
44J
Commercial
AT29C1024-90TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-90JI
44J
Industrial
AT29C1024-90TI
48T
(-40
° to 85°C)
120
60
0.1
AT29C1024-12JC
44J
Commercial
AT29C1024-12TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-12JI
44J
Industrial
AT29C1024-12TI
48T
(-40
° to 85°C)
150
60
0.1
AT29C1024-15JC
44J
Commercial
AT29C1024-15TC
48T
(0
° to 70°C)
60
0.3
AT29C1024-15JI
44J
Industrial
AT29C1024-15TI
48T
(-40
° to 85°C)
Package Type
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)
48T
48 Lead, Thin Small Outline Package (TSOP)
4-152
AT29C1024


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn