Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09692117072 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 09692117072
Description  Mixed subminiature D connectors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

09692117072 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 09692117072 Datasheet HTML 32Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 33Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 34Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 35Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 36Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 37Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 38Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 39Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
04
.
36
D-Sub
DIN 41 652 T1
7W7
8W8
9W4
11W1
Male connector*
Power contact
Coaxial contact
Identification
Drawing
Dimensions in mm
Board drillings for connectors with right angled pcb contacts
* When using a female connector with right angled pcb contacts the board drilling pattern must be mirrored in the Y axis.


Similar Part No. - 09692117072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
096 ETC2-096 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Vishay Siliconix
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Belden Inc.
0960IOL380-021 BELDEN-0960IOL380-021 Datasheet
432Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DIO (8x M12), Class A, Metal, 60 mm
0960IOL381-001 BELDEN-0960IOL381-001 Datasheet
415Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DI (8x M12), Class A, Metal, 60 mm
0960IOL385-001 BELDEN-0960IOL385-001 Datasheet
410Kb / 4P
   LioN-P, IO-Link I/O Hub, 10DI 6DO (8x M12), Class B, Metal, 60 mm
More results

Similar Description - 09692117072

ManufacturerPart #DatasheetDescription
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com