Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09692117072 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 09692117072
Description  Mixed subminiature D connectors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

09692117072 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 09692117072 Datasheet HTML 25Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 26Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 27Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 28Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 29Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 30Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 31Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 32Page - List of Unclassifed Manufacturers 09692117072 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
04
.
29
D-Sub
DIN 41 652 T1
Dimensions in mm
Male contacts
Female contacts
Male contacts
Female contacts
Inner diameter
Identification
air tube (mm)
Part No.
Pneumatic contacts for cable applications
2
09 69 287 0061
2.6
09 69 287 0060
3
09 69 287 0062
4
09 69 287 0063
2
09 69 187 0061
2.6
09 69 187 0060
3
09 69 187 0062
4
09 69 187 0063
Part No.
ø a
ø b
ø c
ø d
09 69 x87 0061
1.45
2.6
1.5
0.95
09 69 x87 0060
1.65
3.1
2.0
1.65
09 69 x87 0062
1.65
3.4
2.3
1.85
09 69 x87 0063
1.65
4.8
3.7
2.95


Similar Part No. - 09692117072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
096 ETC2-096 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Vishay Siliconix
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Belden Inc.
0960IOL380-021 BELDEN-0960IOL380-021 Datasheet
432Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DIO (8x M12), Class A, Metal, 60 mm
0960IOL381-001 BELDEN-0960IOL381-001 Datasheet
415Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DI (8x M12), Class A, Metal, 60 mm
0960IOL385-001 BELDEN-0960IOL385-001 Datasheet
410Kb / 4P
   LioN-P, IO-Link I/O Hub, 10DI 6DO (8x M12), Class B, Metal, 60 mm
More results

Similar Description - 09692117072

ManufacturerPart #DatasheetDescription
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com