Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV256 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT29LV256
Description  256K 32K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV256 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29LV256 Datasheet HTML 1Page - ATMEL Corporation AT29LV256 Datasheet HTML 2Page - ATMEL Corporation AT29LV256 Datasheet HTML 3Page - ATMEL Corporation AT29LV256 Datasheet HTML 4Page - ATMEL Corporation AT29LV256 Datasheet HTML 5Page - ATMEL Corporation AT29LV256 Datasheet HTML 6Page - ATMEL Corporation AT29LV256 Datasheet HTML 7Page - ATMEL Corporation AT29LV256 Datasheet HTML 8Page - ATMEL Corporation AT29LV256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT29LV256
256K (32K x 8)
3-volt Only
CMOS Flash
Memory
Features
Single Supply Voltage, Range 3V to 3.6V
3-Volt-Only Read and Write Operation
Software Protected Programming
Low Power Dissipation
15 mA Active Current
20
µA CMOS Standby Current
Fast Read Access Time - 200 ns
Sector Program Operation
Single Cycle Reprogram (Erase and Program)
512 Sectors (64 bytes/sector)
Internal Address and Data Latches for 64-Bytes
Fast Sector Program Cycle Time - 20 ms Max.
Internal Program Control and Timer
DATA Polling for End of Program Detection
Typical Endurance > 10,000 Cycles
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29LV256 is a 3-volt-only in-system Flash Programmable Erasable Read Only
Memory (PEROM). Its 256K of memory is organized as 32,768 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 200 ns with power dissipation of just 54 mW over the commercial
temperature range. When the device is deselected, the CMOS standby current is less
than 20
µA. The device endurance is such that any sector can typically be written to
in excess of 10,000 times.
(continued)
Pin Configurations
Pin Name
Function
A0 - A14
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
TSOP Top View
Type 1
PLCC Top View
0563A
AT29LV256
4-33


Similar Part No. - AT29LV256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C257 ATMEL-AT29C257 Datasheet
562Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
343Kb / 17P
   256K (32K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com