Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C04-10PC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C04-10PC
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04-10PC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C04-10PC Datasheet HTML 1Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 2Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 3Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 4Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 5Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 6Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 7Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 8Page - ATMEL Corporation AT24C04-10PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open-
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device
address inputs that are hard wired for the AT24C01A and the AT24C02. As many as
eight 1K/2K devices may be addressed on a single bus system (device addressing is
discussed in detail under the Device Addressing section).
The AT24C04 uses the A2 and A1 inputs for hard wire addressing and a total of four 4K
devices may be addressed on a single bus system. The A0 pin is a no connect.
The AT24C08A only uses the A2 input for hardwire addressing and a total of two 8K
devices may be addressed on a single bus system. The A0 and A1 pins are no
connects.
The AT24C16A does not use the device address pins, which limits the number of
devices on a single bus to one. The A0, A1 and A2 pins are no connects.
WRITE PROTECT (WP): The AT24C01A/02/04/08A/16A has a Write Protect pin that
provides hardware data protection. The Write Protect pin allows normal Read/Write
operations when connected to ground (GND). When the Write Protect pin is connected
to V
CC, the write protection feature is enabled and operates as shown in Table 2.
Table 2. Write Protect
Memory Organization AT24C01A, 1K SERIAL EEPROM: Internally organized with 16 pages of 8 bytes each,
the 1K requires a 7-bit data word address for random word addressing.
AT24C02, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each,
the 2K requires an 8-bit data word address for random word addressing.
AT24C04, 4K SERIAL EEPROM: Internally organized with 32 pages of 16 bytes each,
the 4K requires a 9-bit data word address for random word addressing.
AT24C08A, 8K SERIAL EEPROM: Internally organized with 64 pages of 16 bytes each,
the 8K requires a 10-bit data word address for random word addressing.
AT24C16A, 16K SERIAL EEPROM: Internally organized with 128 pages of 16 bytes
each, the 16K requires an 11-bit data word address for random word addressing.
WP Pin
Status
Part of the Array Protected
24C01A
24C02
24C04
24C08A
24C16A
At V
CC
Full (1K)
Array
Full (2K)
Array
Full (4K)
Array
Full (8K)
Array
Full (16K)
Array
At GND
Normal Read/Write Operations


Similar Part No. - AT24C04-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04-10PA-2.7C ATMEL-AT24C04-10PA-2.7C Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04-10PA-5.0C ATMEL-AT24C04-10PA-5.0C Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04-10PU-1.8 ATMEL-AT24C04-10PU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C04-10PU-2.7 ATMEL-AT24C04-10PU-2.7 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C04-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com