Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744776333 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 744776333
Description  WE-ASI SMD Wire Wound Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

744776333 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  744776333 Datasheet HTML 1Page - List of Unclassifed Manufacturers 744776333 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WE-ASI SMD Wire Wound Inductor
Characteristics:
Specially designed for sensors and actuators
Highest possible current in the smallest case size
High self resonant frequency
Operating temperature: –40 ºC to +125 ºC
Recommended solder profile: Reflow
Applications:
ASI-applications
Filter applications in kHz frequency range
Dimensions
Size
A
(mm)
B
(mm)
C
(mm)
D
(mm)
E
(mm)
F
(mm)
G
(mm)
Download
Sensor
7.0
8.0
5.0
3.0
Type M (Actuator)
9.0
10.2
6.5
3.5
Type L (Actuator)
18.54
15.24
12.0
13.3
13.2
2.54
2.54
Electrical properties
Sensor
Order Code
L
(mH)
IR
(A)
Isat
(A)
RDC
(
Ω)
RDC typ
(
Ω)
C
(pF)
fres
(kHz)
744775330
3.0
0.24
0.12
10.0
8.2
10
900
744775347
4.7
0.20
0.10
13.8
11.5
11
700
744775360
6.0
0.18
0.09
18.0
16.7
12
600
744775380
8.0
0.14
0.09
25.0
23.3
11
700
744775318
18
0.08
0.05
72.0
57.7
9
400
Electrical properties
Type M (Actuator)
Order Code
L
(mH)
IR
(A)
Isat
(A)
RDC
(
Ω)
RDC typ
(
Ω)
C
(pF)
fres
(kHz)
744776333
3.0
0.35
0.40
7.0
5.6
10
900
744776347
4.7
0.25
0.30
12.0
11.5
13
650
744776360
6.0
0.23
0.27
14.0
16.7
13
570
744776381
8.0
0.20
0.20
16.0
15.4
13
500
Electrical properties
Type L (Actuator)
Order Code
L
(mH)
IR
(A)
Isat
(A)
RDC
(
Ω)
RDC typ
(
Ω)
C
(pF)
fres
(kHz)
Page 1 of 2
WE Product Catalogue eiSos - WE-ASI SMD Wire Wound Inductor
5/8/2012
http://katalog.we-online.de/kataloge/eisos/?language=en&id=754&artikelnr=744775318


Similar Part No. - 744776333

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744776333 WURTH-744776333 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
More results

Similar Description - 744776333

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744775360 WURTH-744775360 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458303 WURTH-74458303 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
744776381 WURTH-744776381 Datasheet
807Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776360 WURTH-744776360 Datasheet
1,013Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775347 WURTH-744775347 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775380 WURTH-744775380 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776347 WURTH-744776347 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458308 WURTH-74458308 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com