Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C010E-15PI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28C010E-15PI
Description  1 Megabit 128K x 8 Paged CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010E-15PI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28C010E-15PI Datasheet HTML 1Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 2Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 3Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 4Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 5Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 6Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 7Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 8Page - ATMEL Corporation AT28C010E-15PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
access times to 120 ns with power dissipation of just 440
mW. When the device is deselected, the CMOS standby
current is less than 300
µA.
The AT28C010 is accessed like a Static RAM for the read
or write cycle without the need for external components.
The device contains a 128-byte page register to allow writ-
ing of up to 128-bytes simultaneously. During a write cy-
cle, the address and 1 to 128-bytes of data are internally
latched, freeing the address and data bus for other opera-
tions. Following the initiation of a write cycle, the device
will automatically write the latched data using an internal
control timer. The end of a write cycle can be detected by
DATA POLLING of I/O7. Once the end of a write cycle has
been detected a new access for a read or write can begin.
Atmel’s 28C010 has additional features to ensure high
quality and manufacturability. The device utilizes internal
error correction for extended endurance and improved
data retention characteristics. An optional software data
protection mechanism is available to guard against inad-
vertent writes. The device also includes an extra 128-
bytes of E2PROM for device identification or tracking.
Description (Continued)
2-244
AT28C010 Mil


Similar Part No. - AT28C010E-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010E-15PI ATMEL-AT28C010E-15PI Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C010E-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com