Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4416T-2-2222FBBL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4416T-2-2222FBBL
Description  Thin Film Wide Body Gull Wing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4416T-2-2222FBBL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4416T-2-2222FBBL Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4400T - Thin Film Wide Body Gull Wing
Isolated Resistors (1 Circuit)
Available in 16 and 20 Pin
Bussed Resistors (2 Circuit)
Available in 16 and 20 Pin
These models incorporate 8 or 10
thin-film resistors of equal value, each
connected between a separate pin.
Power Rating per Resistor........0.15 watt
Resistance Range .......10 to 150K ohms
These models incorporate 15 or 19
thin-film resistors of equal value, each
connected by a common pin.
Power Rating per Resistor........0.10 watt
Resistance Range .........10 to 75K ohms
1
8
16
9
16
9
1
8
Product Characteristics
Resistance Range ........10 to 150K ohms
Resistance Tolerance
..........................±0.1 %, ±0.5 %, ±1 %
Temperature Coefficient
..................±100 ppm/°C, ±50 ppm/°C,
±25 ppm/°C
Temperature Range
.................................-55 °C to +125 °C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking .........................±5 ppm/°C
Maximum Operating Voltage............50 V
Environmental Characteristics
TESTS PER MIL-STD-202 .........∆R MAX
Thermal Shock .............................. 0.1 %
Short Time Overload ..................... 0.1 %
Resistance to Soldering Heat ....... 0.1 %
Moisture Resistance ..................... 0.5 %
Life ............................................... 0.5 %
Physical Characteristics
Lead Frame Material
..........................Copper, solder coated
Body Material Flammability
...........................Conforms to UL94V-0
Body Material ..................Novolac Epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
150
2.00
1.75
1.50
1.25
1.00
.75
.50
25
125
4416T
4420T
Package Power Ratings at 70 °C
4416T ......................................1.60 watts
4420T ......................................2.00 watts
8° MAX.
7.493 ± .076
(.295 ± .003)
10.34 ± .25
(.407 ± .010)
.406 ± .025
(.016 ± .001)
12.95 ± .05
(.510 ± .002)
10.41 ± .05
(.410 ± .002)
1.27 ± .076
(.050 ± .003*)
TYP.
.127 + .127/ - .000
(.005 + .005/ - .000)
2.65
(.104)
MAX.
.305 + .000/ - .076
(.012 + .000/ - .003)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
.94 + .33/ - .35
(.037 + .013/ - .014)
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
-2203BC
4416T-2
YYWW
ABSOLUTE
TOLERANCE CODE
TC CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
44 16 T - 2 - 2222 F A B L
Model
(44 = SOL Wide
Body Gull
Wing)
Number of Pins
Physical Config.
•T = Thin Film
Electrical Configuration
•2 = Bussed
•1 = Isolated
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Termination
L = Tin-plated (RoHS compliant)
Consult factory for other available options.
Features
RoHS compliant*
Increased lead density
Custom circuits available per factory
Package Power Temp. Derating Curve
Product Dimensions
REV. 09/07
For information on thin film applications,
download Bourns’ Thin Film Application
Note.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - 4416T-2-2222FBBL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4416T-2-2222FBBL BOURNS-4416T-2-2222FBBL Datasheet
227Kb / 1P
   Thin Film Wide Body Gull Wing
More results

Similar Description - 4416T-2-2222FBBL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4400T BOURNS-4400T Datasheet
227Kb / 1P
   Thin Film Wide Body Gull Wing
4816T-2-2222BAAL BOURNS-4816T-2-2222BAAL Datasheet
250Kb / 1P
   Thin Film Medium Body Gull Wing
4800T BOURNS-4800T Datasheet
227Kb / 1P
   Thin Film Medium Body Gull Wing
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
logo
Micropac Industries
66288 MICROPAC-66288 Datasheet
46Kb / 2P
   HIGH GAIN GULL WING OPTOCOUPLER
logo
LUMEX INC.
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
logo
DOMINANT Semiconductors
DDB-CRS-PQ2-1 DOMINANT-DDB-CRS-PQ2-1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
logo
Marktech Corporate
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
logo
LUMEX INC.
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228YC-TR11 LUMEX-SSL-LXA228YC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com